Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC772LC4 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC772LC4
Description  ACTIVE BIAS CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC772LC4 Datasheet(HTML) 1 Page - Analog Devices

  HMC772LC4 Datasheet HTML 1Page - Analog Devices HMC772LC4 Datasheet HTML 2Page - Analog Devices HMC772LC4 Datasheet HTML 3Page - Analog Devices HMC772LC4 Datasheet HTML 4Page - Analog Devices HMC772LC4 Datasheet HTML 5Page - Analog Devices HMC772LC4 Datasheet HTML 6Page - Analog Devices HMC772LC4 Datasheet HTML 7Page - Analog Devices HMC772LC4 Datasheet HTML 8Page - Analog Devices HMC772LC4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
13 - 1
13
For price, delivery, and to place orders: Analog Devices, Inc., One Analog Way, Wilmington, MA 01887
Phone: 781-937-1428 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
HMC981LP3E
v02.1222
General Description
ACTIVE BIAS CONTROLLER
Functional Diagram
Typical Applications
HMC981LP3E is an active bias controller that
automatically adjusts the gate voltage of an external
amplifier to achieve constant bias current. It can be
used to bias any enhancement and depletion type
amplifiers operating in Class-A regime with Drain
voltages from 4V to 12V and drain currents up to
200mA, offering a complete biasing solution.
HMC981LP3E achieves excellent bias stability over
supply, temperature and process variations, and
eliminates the required calibration procedures usually
employed to prevent RF performance degradation due
to such variations.
The HMC981LP3E is housed in an RoHS compliant
3x3 mm QFN leadless package with an exposed
backside pad to improve thermal characteristics.
• Microwave Radio & VSAT
• Military & Space
• Test Instrumentation
• Fiber Optic Modulator Driver Biasing
• CATV Laser Driver Biasing
• Cellular Base Station
• Wireless Infrastructure Equipment
Features
Automatic Gate voltage adjustment (No Calibration
required)
Supply Voltage: 4V to 12V
Digital Voltage: 3.3V to 5V
Controls both Enhancement and Depletion type
devices
Adjustable Drain Current up to 200mA
Sink/Source Gate Current Capability
Optional Internal negative voltage generation that
can be disabled to use external negative rail
Fast Enable/Disable
Trigger-out Output for Daisy Chain Power-Up and
Power-Down Sequencing
16 Lead 3x3 mm SMT Package: 9 mm²
For price, delivery, and to place orders:
Analog Devices, Inc., One Analog Way, Wilmington, MA 01887
Phone: 781-937-1428 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.


Similar Part No. - HMC772LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC772LC4 HITTITE-HMC772LC4 Datasheet
235Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 2 - 12 GHz
HMC772LC4 HITTITE-HMC772LC4 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
HMC772LC4 HITTITE-HMC772LC4 Datasheet
936Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 2 - 12 GHz
logo
Analog Devices
HMC772LC4 AD-HMC772LC4 Datasheet
384Kb / 6P
Test Instrumentation
logo
Hittite Microwave Corpo...
HMC772LC4 HITTITE-HMC772LC4_10 Datasheet
936Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 2 - 12 GHz
More results

Similar Description - HMC772LC4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W Datasheet
60Kb / 7P
Active Bias Controller
Aug-07-2001
BCR410W INFINEON-BCR410W Datasheet
127Kb / 4P
Active Bias Controller
Dec-21-2001
BCR410W INFINEON-BCR410W_07 Datasheet
170Kb / 6P
Active Bias Controller
2007-05-29
logo
Hittite Microwave Corpo...
HMC981 HITTITE-HMC981 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
HMC981LP3E HITTITE-HMC981LP3E Datasheet
1Mb / 17P
ACTIVE BIAS CONTROLLER
HMC920LP5E HITTITE-HMC920LP5E Datasheet
1Mb / 26P
ACTIVE BIAS CONTROLLER
HMC980 HITTITE-HMC980_12 Datasheet
1Mb / 20P
Active Bias Controller
logo
Analog Devices
HMC920LP5E AD-HMC920LP5E Datasheet
1Mb / 26P
ACTIVE BIAS CONTROLLER
HMC981 AD-HMC981 Datasheet
871Kb / 18P
ACTIVE BIAS CONTROLLER
HMC981LP3E AD-HMC981LP3E Datasheet
980Kb / 17P
ACTIVE BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com