Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC772LC4 Datasheet(PDF) 10 Page - Analog Devices

Part # HMC772LC4
Description  ACTIVE BIAS CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC772LC4 Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC772LC4 Datasheet HTML 6Page - Analog Devices HMC772LC4 Datasheet HTML 7Page - Analog Devices HMC772LC4 Datasheet HTML 8Page - Analog Devices HMC772LC4 Datasheet HTML 9Page - Analog Devices HMC772LC4 Datasheet HTML 10Page - Analog Devices HMC772LC4 Datasheet HTML 11Page - Analog Devices HMC772LC4 Datasheet HTML 12Page - Analog Devices HMC772LC4 Datasheet HTML 13Page - Analog Devices HMC772LC4 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
13 - 10
13
For price, delivery, and to place orders: Analog Devices, Inc., One Analog Way, Wilmington, MA 01887
Phone: 781-937-1428 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Evaluation PCB
Careful PCB layout is critical to achieve stable and
low noise operation. The negative voltage generator
charge pump stage requires particular attention.
List of Materials for Evaluation PCB EVAL01-HMC981LP3E [1]
Item
Description
TP1-10
Test Point
C1
4.7 µF Capacitor, 1210 Pkg.
C2, C4, C8
10 nF Capacitor, 0402 Pkg.
C5
1 µF Capacitor, 0603 Pkg.
C6
10 µF Capacitor, 0603 Pkg.
C7
0.1 µF Capacitor, 0402 Pkg.
D1
Dual Series Shottky Diode, BAT54SLT1
R1
10k Ohm Resistor, 0402 Pkg.
R2
4.02k Ohm Resistor, 0402 Pkg.
R10
Trim Potentiometer
U1
HMC981LP3E Active Bias Controller
PCB [2]
600-00099-00-1 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: FR4
HMC981LP3E
v02.1222
ACTIVE BIAS CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com