Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2816455 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 2816455
Description  Pt100 Class B Sensors with Teflon insulated lead - Type PRT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

2816455 Datasheet(HTML) 2 Page - Labfacility Ltd

  2816455 Datasheet HTML 1Page - Labfacility Ltd 2816455 Datasheet HTML 2Page - Labfacility Ltd 2816455 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
PRT - 16
Mar-24
Specifications
Sensor Type
Pt100 element in a 3.0mm or 4.0mm diameter 316 stainless steel probe
Element
Pt100 element to IEC 751 Class B
Probe Diameter
3.0mm or 4.0mm
Probe Length
from 25mm to 100mm
Sheath Material
316 stainless steel probe
Cable Length
1m
Cable Type
Teflon® insulated twisted lead
Core / Strands
7/0.16mm
Cable Termination
Bare Tails
Max. Temperature
+200°C
Min. Temperature
-50°C
Standards Met
IEC 751
Accuracy
Class B
Multi Pack - Ordering Information
Type
Number
of Wires
Class
Sheath
Diameter
(mm)
Sheath
Length
(mm)
Pack
Size
Manufacturers Number
Farnell order
Number
PT100
4
B
3
25
5
RAA-S4B-3.0-25-NP-1.0-C5-T
XF-2914-FAR
Singles - Ordering Information
Type
Number of
Wires
Class
Sheath
Diameter
(mm)
Sheath
Length
(mm)
Manufacturers Number
Farnell order
Number
PT100
4
B
3
25
RAA-S4B-3.0-25-NP-1.0-C5-T
2420300
PT100
4
B
3
50
RAA-S4B-3.0-50-NP-1.0-C5-T
2420301
PT100
4
B
3
100
RAA-S4B-3.0-100-NP-1.0-C5-T
2816454
PT100
4
B
4
25
RAA-S4B-4.0-25-NP-1.0-C5-T
2816455
PT100
4
B
4
40
RAA-S4B-4.0-40-NP-1.0-C5-T
2816456
PT100
4
B
4
65
RAA-S4B-4.0-65-NP-1.0-C5-T
4073482
PT100
4
B
4
90
RAA-S4B-4.0-90-NP-1.0-C5-T
4073485



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com