Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2816455 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 2816455
Description  Pt100 Class B Sensors with Teflon insulated lead - Type PRT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

2816455 Datasheet(HTML) 1 Page - Labfacility Ltd

  2816455 Datasheet HTML 1Page - Labfacility Ltd 2816455 Datasheet HTML 2Page - Labfacility Ltd 2816455 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pt100 Class B Sensors with Teflon insulated
lead - Type PRT
Labfacility are the UK’s leading manufacturer of Temperature Sensors, Thermocouple
Connectors and associated Temperature Instrumentation and stockists of Thermocouple
Cables. The Company has been trading since 1971 and is ISO 9001 accredited.
Labfacility have supplied Farnell for over 30 years, and an extensive range of our products are
available to buy online, from stock, direct from Farnell.


Similar Part No. - 2816455

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28164 ETC2-28164 Datasheet
128Kb / 1P
Wiha Drive-Loc VI Blades
More results

Similar Description - 2816455

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN3728 FREESCALE-AN3728 Datasheet
94Kb / 4P
Media Compatibility for IPS PRT Pressure Sensors
logo
List of Unclassifed Man...
79696035 ETC2-79696035 Datasheet
260Kb / 4P
Thermocouple / Pt100 Pt100 probe Class B max : 200 째C Pt100 probe Class B with sheath - St. steel 316 L 횠 6 mm : 200 mm longSilicon teflon cable : 2 m long - 3-wire assembly
79696037 ETC2-79696037 Datasheet
260Kb / 4P
Pt100 probe Class B - Aluminium vee : 50 mm long - Silicom teflon cable : 2 m long - 3-wire assembly - Supplied with fixing
logo
ZIEHL industrie-elektro...
TR400 ZIEHL-TR400 Datasheet
491Kb / 2P
Pt100-Temperature Relays type TR400 Digital, 4 Sensors, 4 Limits
TR440 ZIEHL-TR440 Datasheet
281Kb / 2P
Pt100-Temperature-Relay Type TR440 4 Sensors Pt100 (RTD), Monitoring of Core, Panel-Mount
TR600RS485 ZIEHL-TR600RS485 Datasheet
732Kb / 2P
Pt100-Temperature-Relay Type TR600 Digital, 6 Sensors, 6 Limits, RS485
TR1200 ZIEHL-TR1200 Datasheet
590Kb / 2P
Pt100-Temperature-Relay TR1200 12 Sensors, Interface RS485
TF101 ZIEHL-TF101 Datasheet
460Kb / 4P
Pt100 Temperature Sensors Type TF101
logo
Carlo Gavazzi Holding A...
CA18FLF08PA CARLOGAVAZZI-CA18FLF08PA Datasheet
182Kb / 2P
Proximity Sensors Capacitive Teflon Housing
logo
Pepperl+Fuchs Inc.
OMD8000-R300-IEP-V1-L PF-OMD8000-R300-IEP-V1-L Datasheet
1Mb / 7P
Distance sensor (PRT)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com