Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM32FSC-100M Datasheet(PDF) 2 Page - EPCOS

Part # ADM32FSC-100M
Description  Inductors for Power over Coaxial (PoC)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ADM32FSC-100M Datasheet(HTML) 2 Page - EPCOS

  ADM32FSC-100M Datasheet HTML 1Page - EPCOS ADM32FSC-100M Datasheet HTML 2Page - EPCOS ADM32FSC-100M Datasheet HTML 3Page - EPCOS ADM32FSC-100M Datasheet HTML 4Page - EPCOS ADM32FSC-100M Datasheet HTML 5Page - EPCOS ADM32FSC-100M Datasheet HTML 6Page - EPCOS ADM32FSC-100M Datasheet HTML 7Page - EPCOS ADM32FSC-100M Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 10/22
Please read Cautions and warnings and
Important notes at the end of this document.
Inductors for Power over Coaxial (PoC)
ADM32FSC
Power injection choke, EIA1210
Rated inductance: 10 ... 22 µH
Construction
Metal I-core, Ferrite shielding
Winding: enamel copper wire
Winding welded to terminals
Features
Temperature range up to +165 °C
Suitable for lead-free reflow soldering as
referenced in JEDEC J-STD-020E
Qualified according to AEC-Q200
RoHS-compatible
Applications
Automotive electronics
Power over Coaxial (PoC)
Terminals
One-sided tinned terminals
Base material CuSn6
Layer composition Ni, Sn
Lead-free tinned
Marking
Marking on component:
L value (in µH, coded), date code, pin 1 marking
Minimum data on reel:
Lot number, part number, date of packing
Delivery mode and packing unit
12-mm blister tape, wound on 330-mm Ø reel
Packing unit: 6000 pcs./reel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com