Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM32FSC-100M Datasheet(PDF) 4 Page - EPCOS

Part # ADM32FSC-100M
Description  Inductors for Power over Coaxial (PoC)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ADM32FSC-100M Datasheet(HTML) 4 Page - EPCOS

  ADM32FSC-100M Datasheet HTML 1Page - EPCOS ADM32FSC-100M Datasheet HTML 2Page - EPCOS ADM32FSC-100M Datasheet HTML 3Page - EPCOS ADM32FSC-100M Datasheet HTML 4Page - EPCOS ADM32FSC-100M Datasheet HTML 5Page - EPCOS ADM32FSC-100M Datasheet HTML 6Page - EPCOS ADM32FSC-100M Datasheet HTML 7Page - EPCOS ADM32FSC-100M Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 10/22
Please read Cautions and warnings and
Important notes at the end of this document.
Inductors for Power over Coaxial (PoC)
ADM32FSC
Power injection choke, EIA1210
Technical data and measuring conditions
Characteristics and ordering codes
Rated inductance LR
Measured with Keysight E4980A (or equivalent) at
100 kHz, 0.1 mA, +23 °C 3 °C
Inductance tolerance
20%
DC resistance RDC
Measured at +23 °C 3 °C
Self-resonant frequency fres Measured with Keysight E4990A (or equivalent), +23 °C 3 °C
Saturation current Isat
Based on the inductance change rate (30% below the initial value)
Rated current Itemp
Based on the temperature increase (+40 °C by self-heating)
Ambient temperature: +25 °C / +105 °C / +125 °C
Itemp are reference values evaluated under consideration of
generic multilayer PCB
Weight
Approx. 0.08 g
LR
RDC
fres
Isat,typ
Itemp,typ
Internal code
Ordering code
µH
MHz
mA
mA
max.
typ.
@ Ambient @ Ambient temp.
temp.
+ temp. increase in (°C)
+25 °C
+25+40
+105+40 +125+40
10
0.42
52
1060
880
790
770
B82782N1103H100 ADM32FSC-100M
22
0.60
33
740
740
680
660
B82782N1223H100 ADM32FSC-220M



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com