Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z22VT1GX Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # MM3Z22VT1GX
Description  Voltage regulator diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MM3Z22VT1GX Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button MM3Z22VT1GX Datasheet HTML 2Page - Nexperia B.V. All rights reserved MM3Z22VT1GX Datasheet HTML 3Page - Nexperia B.V. All rights reserved MM3Z22VT1GX Datasheet HTML 4Page - Nexperia B.V. All rights reserved MM3Z22VT1GX Datasheet HTML 5Page - Nexperia B.V. All rights reserved MM3Z22VT1GX Datasheet HTML 6Page - Nexperia B.V. All rights reserved MM3Z22VT1GX Datasheet HTML 7Page - Nexperia B.V. All rights reserved MM3Z22VT1GX Datasheet HTML 8Page - Nexperia B.V. All rights reserved MM3Z22VT1GX Datasheet HTML 9Page - Nexperia B.V. All rights reserved MM3Z22VT1GX Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Nexperia
MM3Z series
Voltage regulator diodes
aaa-032515
VF (V)
0.4
1.0
0.8
0.6
1
10-2
10-1
102
10
103
IF
(mA)
10-3
Tj = 25 ° C
Fig. 1. Forward current as a function of forward
voltage; typical values (MM3Z2V4T1G)
aaa-032516
VF (V)
0.4
1.0
0.8
0.6
1
10-2
10-1
102
10
103
IF
(mA)
10-3
Tj = 25 ° C
Fig. 2. Forward current as a function of forward
voltage; typical values (MM3Z6V8T1G)
aaa-032517
VF (V)
0.4
1.0
0.8
0.6
1
10-2
10-1
102
10
103
IF
(mA)
10-3
Tj = 25 ° C
Fig. 3. Forward current as a function of forward
voltage; typical values (MM3Z7V5T1G)
aaa-028553
VF (V)
0.4
1.0
0.8
0.6
1
10-2
10-1
102
10
103
IF
(mA)
10-3
Tj = 25 ° C
Fig. 4. Forward current as a function of forward
voltage; typical values (MM3Z75VT1G)
MM3Z_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 7 April 2021
6 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com