Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z22VT1GX Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # MM3Z22VT1GX
Description  Voltage regulator diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MM3Z22VT1GX Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  MM3Z22VT1GX Datasheet HTML 1Page - Nexperia B.V. All rights reserved MM3Z22VT1GX Datasheet HTML 2Page - Nexperia B.V. All rights reserved MM3Z22VT1GX Datasheet HTML 3Page - Nexperia B.V. All rights reserved MM3Z22VT1GX Datasheet HTML 4Page - Nexperia B.V. All rights reserved MM3Z22VT1GX Datasheet HTML 5Page - Nexperia B.V. All rights reserved MM3Z22VT1GX Datasheet HTML 6Page - Nexperia B.V. All rights reserved MM3Z22VT1GX Datasheet HTML 7Page - Nexperia B.V. All rights reserved MM3Z22VT1GX Datasheet HTML 8Page - Nexperia B.V. All rights reserved MM3Z22VT1GX Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
MM3Z series
Voltage regulator diodes
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
MM3Z2V4T1G to
MM3Z75VT1G[1]
SC-76
plastic surface-mounted package; 2 leads
SOD323
[1] The series consists of 37 types with nominal working voltages from 2.4 V to 75 V.
7. Marking
Table 4. Marking Codes
Type number
Marking Code
Type number
Marking Code
MM3Z2V4T1G
X8
MM3Z15VT1G
VV
MM3Z2V7T1G
X9
MM3Z16VT1G
VZ
MM3Z3V0T1G
XT
MM3Z18VT1G
X4
MM3Z3V3T1G
XW
MM3Z20VT1G
XC
MM3Z3V6T1G
XZ
MM3Z22VT1G
XG
MM3Z3V9T1G
ME
MM3Z24VT1G
XM
MM3Z4V3T1G
MM
MM3Z27VT1G
DK
MM3Z4V7T1G
MS
MM3Z30VT1G
DL
MM3Z5V1T1G
MW
MM3Z33VT1G
DM
MM3Z5V6T1G
LF
MM3Z36VT1G
DN
MM3Z6V2T1G
LL
MM3Z39VT1G
DP
MM3Z6V8T1G
LR
MM3Z43VT1G
DR
MM3Z7V5T1G
LV
MM3Z47VT1G
DS
MM3Z8V2T1G
LZ
MM3Z51VT1G
DT
MM3Z9V1T1G
CU
MM3Z56VT1G
DU
MM3Z10VT1G
VA
MM3Z62VT1G
DV
MM3Z11VT1G
VE
MM3Z68VT1G
DW
MM3Z12VT1G
VK
MM3Z75VT1G
DX
MM3Z13VT1G
VP
-
-
MM3Z_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 7 April 2021
2 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com