Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP100-8 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMP100-8
Description  COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100-8 Datasheet(HTML) 3 Page - STMicroelectronics

  SMP100-8 Datasheet HTML 1Page - STMicroelectronics SMP100-8 Datasheet HTML 2Page - STMicroelectronics SMP100-8 Datasheet HTML 3Page - STMicroelectronics SMP100-8 Datasheet HTML 4Page - STMicroelectronics SMP100-8 Datasheet HTML 5Page - STMicroelectronics SMP100-8 Datasheet HTML 6Page - STMicroelectronics SMP100-8 Datasheet HTML 7Page - STMicroelectronics SMP100-8 Datasheet HTML 8Page - STMicroelectronics SMP100-8 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Type
IRM @VRM
max.
IR @VR
max.
note 1
VBO @IBO
max.
note 2
IH
min.
note 3
C
typ.
note 4
µAV
µAV
V
mA
mA
pF
SMP100-8
2
6
50
8
20
800
50(typ)
100
SMP100LC-35
2
32
50
35
55
800
150
90
SMP100-65
2
55
50
65
80
800
150
160
SMP100-120
2
110
50
120
160
800
150
140
SMP100-140
2
120
50
140
200
800
150
140
SMP100-200
2
170
50
200
265
800
150
130
SMP100-230
2
200
50
230
300
800
150
120
SMP100-270
2
230
50
270
350
800
150
120
SMP100-140H225
2
120
50
140
200
800
225
140
SMP100-200H225
2
170
50
200
265
800
225
130
SMP100-230H225
2
200
50
230
300
800
225
130
SMP100-270H225
2
230
50
270
350
800
225
120
Note 1 : IR measured at VR guarantees VBR>VR
Note 2 : Measured at 50Hz, see test circuit 1. In any case VBOmin ≥ VBR
Note 3 : See functional holding current test circuit 2.
Note 4 : VR=1V bias, VRMS=1V, F=1MHz.
STATIC PARAMETERS
Symbol
Parameter
VRM
Stand-off voltage
IRM
Leakage current at stand-off voltage
VR
Continuous reverse voltage
IR
Continuous reverse current
VBR
Breakdown voltage
VBO
Breakover voltage
IH
Holding current
IBO
Breakover current
IPP
Peak pulse current
C
Capacitance
ELECTRICAL CHARACTERISTICS (Tamb =25
°C)
SMP100-xxx
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com