Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP100-8 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMP100-8
Description  COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100-8 Datasheet(HTML) 4 Page - STMicroelectronics

  SMP100-8 Datasheet HTML 1Page - STMicroelectronics SMP100-8 Datasheet HTML 2Page - STMicroelectronics SMP100-8 Datasheet HTML 3Page - STMicroelectronics SMP100-8 Datasheet HTML 4Page - STMicroelectronics SMP100-8 Datasheet HTML 5Page - STMicroelectronics SMP100-8 Datasheet HTML 6Page - STMicroelectronics SMP100-8 Datasheet HTML 7Page - STMicroelectronics SMP100-8 Datasheet HTML 8Page - STMicroelectronics SMP100-8 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Symbol
Test conditions (see note 5)
Type
Max.
Unit
VBO
Test conditions 1
dV/dt = 100 V/
µs, di/dt < 10 A/µs, IPP = 100 A
Test conditions 2
dV/dt = 1 kV/
µs, di/dt < 10 A/µs, IPP =10 A
SMP100-8
25
V
SMP100LC-35
55
SMP100-65
95
SMP100-120
200
SMP100-140
220
SMP100-200
285
SMP100-230
320
SMP100-270
370
SMP100-140H225
220
SMP100-200H225
285
SMP100-230H225
320
SMP100-270H225
370
Note 5 : VBO parameters are given by a KeyTek ’System 2’ generator with PN246I module.
See test circuits 3 for VBO dynamic parameters.
DYNAMIC PARAMETERS
TEST CIRCUIT 1 FOR IBO and VBO parameters:
TEST PROCEDURE :
Pulse Test duration (tp = 20ms):
- For Bidirectional devices = Switch K is closed
- For Unidirectional devices = Switch K is open.
VOUT Selection
- Device with VBO
< 200 Volt
-VOUT = 250 VRMS,R1 = 140
Ω.
- Device with VBO
≥ 200 Volt
-VOUT = 480 VRMS,R2 = 240
Ω.
static
relay.
R1
R2
240
140
D.U.T
V BO
measure
IBO
measure
tp =20ms
K
Transformer
220V/800V
5A
Auto
Transformer
220V/2A
Vout
SMP100-xxx
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com