Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE112 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # DSE112
Description  DULUX S/E 11 W/827
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE112 Datasheet(HTML) 6 Page - OSRAM GmbH

  DSE112 Datasheet HTML 1Page - OSRAM GmbH DSE112 Datasheet HTML 2Page - OSRAM GmbH DSE112 Datasheet HTML 3Page - OSRAM GmbH DSE112 Datasheet HTML 4Page - OSRAM GmbH DSE112 Datasheet HTML 5Page - OSRAM GmbH DSE112 Datasheet HTML 6Page - OSRAM GmbH DSE112 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Guarantee
Equipment / Accessories
Suitable for operation on electronic control gear
Safety advice
In case of lamp breakage: www.osram.com/brokenlamp
Others graphics
Circuit diagram
Circuit diagram
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (height x
width x length)
Volume
Gross weight
4050300017662
DULUX S/E 11
W/827
Folding carton box
1
39 mm x 23 mm x
229 mm
0.21 dm³
44.80 g
4050300251295
DULUX S/E 11
W/827
Shipping carton box
10
155 mm x 203 mm x
99 mm
3.12 dm³
508.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
Product datasheet
__
August 25, 2014, 16:43:48
© 2014, OSRAM GmbH. All rights reserved.
DULUX S/E 11 W/827
Page 6 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com