Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE112 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # DSE112
Description  DULUX S/E 11 W/827
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE112 Datasheet(HTML) 1 Page - OSRAM GmbH

  DSE112 Datasheet HTML 1Page - OSRAM GmbH DSE112 Datasheet HTML 2Page - OSRAM GmbH DSE112 Datasheet HTML 3Page - OSRAM GmbH DSE112 Datasheet HTML 4Page - OSRAM GmbH DSE112 Datasheet HTML 5Page - OSRAM GmbH DSE112 Datasheet HTML 6Page - OSRAM GmbH DSE112 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product benefits
Extremly economical
Good quality of light
Improved maintenance
Low power consumption (7 W, 9 W, 11 W)
Long service life
Extremely low profile
Product features
Average life: 20,000 h (with QUICKTRONIC)
Color rendering index Ra: 80…89
Dimmable (3…100 %)
Short and compact pin-base lamps with single-turn tubes
Single-ended four-pin plug-in 2G7 base
Operates on battery, solar and AC power with suitable electronic control gear
Product datasheet
DULUX S/E 11 W/827
OSRAM DULUX S/E | Short CFLni, with 4-pin base for ECG operation
Areas of application
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants
__
August 25, 2014, 16:43:48
© 2014, OSRAM GmbH. All rights reserved.
DULUX S/E 11 W/827
Page 1 of 7


Similar Part No. - DSE112

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
DSE114 OSRAM-DSE114 Datasheet
226Kb / 7P
DULUX S/E 11 W/840
August 25, 2014
More results

Similar Description - DSE112

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7849 SANYO-LA7849 Datasheet
230Kb / 2P
E/W DRIVE
logo
EPCOS
B66233 EPCOS-B66233 Datasheet
77Kb / 2P
E 32/16/11 Core
B66389 EPCOS-B66389 Datasheet
85Kb / 3P
E 36/18/11 Core
logo
STMicroelectronics
TDA7495SA STMICROELECTRONICS-TDA7495SA_07 Datasheet
331Kb / 15P
11 W 11 W amplifier with DC volume control
Dec-2007
logo
Everlight Electronics C...
67-21-Y2C-AP1Q1B-2T EVERLIGHT-67-21-Y2C-AP1Q1B-2T Datasheet
263Kb / 10P
T O P V ie w L E D s
67-21-Y2C-AS1T1-2T EVERLIGHT-67-21-Y2C-AS1T1-2T Datasheet
265Kb / 10P
T O P V ie w L E D s
logo
List of Unclassifed Man...
SSC-736A ETC2-SSC-736A Datasheet
814Kb / 32P
S O L D E R I N G , D E S O L D E R I N G A N D R E W O R K S Y S T E M S
logo
PETERMANN-TECHNIK
SXO18LP PETERMANN-SXO18LP Datasheet
852Kb / 3P
SXO18LP-03025-S-E-50-W
logo
PHOENIX CONTACT
106414 PHOENIX-106414 Datasheet
166Kb / 9P
PLD E 608 W
logo
Weidmuller
2911220000 WEIDMULLER-2911220000 Datasheet
450Kb / 4P
CH-W-S-A22-P7.5-E
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com