Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FG-R14-6B Datasheet(PDF) 6 Page - Kemet Corporation

Part # FG-R14-6B
Description  Fluxgate-Based Residual Current Sensor, FG-R14 Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FG-R14-6B Datasheet(HTML) 6 Page - Kemet Corporation

Back Button FG-R14-6B Datasheet HTML 2Page - Kemet Corporation FG-R14-6B Datasheet HTML 3Page - Kemet Corporation FG-R14-6B Datasheet HTML 4Page - Kemet Corporation FG-R14-6B Datasheet HTML 5Page - Kemet Corporation FG-R14-6B Datasheet HTML 6Page - Kemet Corporation FG-R14-6B Datasheet HTML 7Page - Kemet Corporation FG-R14-6B Datasheet HTML 8Page - Kemet Corporation FG-R14-6B Datasheet HTML 9Page - Kemet Corporation FG-R14-6B Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
© KEMET Electronics Corporation • One East Broward Boulevard
SE0227_FG-R14 • 1/27/2025
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Current Sensors – Fluxgate-Based Residual Current Sensor, FG-R04 Series
Environmental Compliance
FG sensors are RoHS compliant.
Specifications
Item
Performance Characteristics
Primary Rated Voltage (Phase/Line)
230/400 V
Primary Nominal Current
80/40 A Maximum (1 phase/3 phase)
Supply Voltage Range
4.75 – 5.25 V (5 V typical)
Maximum Input Voltage of Digital Output
Supply Voltage + 0.3 V
Input Voltage Range of TEST (LOW)
0.0 – 0.6 V
Input Voltage Range of TEST (HIGH)
2.5 V - Supply Voltage
Maximum Sink Current of Digital Output
10 mA
Current Consumption
13 mA (at measurement 0 mA)
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−40°C to +105°C
Tests
ESD Test
DC Detection Current within specifications as per Table 1 – Ratings & Part Number Reference after ESD test.
Parameter
Result
Electrostatic Discharge Voltage
Human-body model(HBM)
R=2.0kΩ, C=150pF, U=+/-2kV
* AEC-Q200 / IEC61000-4-2
Passed
Electrostatic Discharge Voltage
Charged-Device Model (CDM)
U = ±800 V
Passed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com