Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FG-R14-6B Datasheet(PDF) 1 Page - Kemet Corporation

Part # FG-R14-6B
Description  Fluxgate-Based Residual Current Sensor, FG-R14 Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FG-R14-6B Datasheet(HTML) 1 Page - Kemet Corporation

  FG-R14-6B Datasheet HTML 1Page - Kemet Corporation FG-R14-6B Datasheet HTML 2Page - Kemet Corporation FG-R14-6B Datasheet HTML 3Page - Kemet Corporation FG-R14-6B Datasheet HTML 4Page - Kemet Corporation FG-R14-6B Datasheet HTML 5Page - Kemet Corporation FG-R14-6B Datasheet HTML 6Page - Kemet Corporation FG-R14-6B Datasheet HTML 7Page - Kemet Corporation FG-R14-6B Datasheet HTML 8Page - Kemet Corporation FG-R14-6B Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
© KEMET Electronics Corporation • One East Broward Boulevard
SE0227_FG-R14 • 1/27/2025
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Built Into Tomorrow
Overview
The FG-R14 series sensor is a high-sensitivity AC and DC
leakage current sensor with individual open drain alarms
and an analog output for leakage current indication. In
addition, its integrated test coil can be initiated by a test
input to perform a functional alarm test. By updating the
ASIC from the conventional product, it is fully compliant
with IEC62955.
Applications
Typical applications include residual current sensor for In-
Cable Control and Protection Devices (IC-CPD) or Wallbox.
Current Sensors
Fluxgate-Based Residual Current Sensor, FG-R14 Series
Ordering Information
FG-
R14-
6A
Series
Shape
Current Detection Standards
FG
R14 = Vertical with busbar, with
updated ASIC
6A = Full compliant to IEC 62752:2016/A1:2018 and UL 2231-2, IEC
62955:20181
6B = Full compliant to IEC 62752:2016/A1:2018, IEC 62955:20181
1
Conditional and dependant on the circuit/system designed as explained in the section Recommended Circuit of this datasheet.
Benefits
• Open-loop, fluxgate-based current sensor
• PCB mounting
• Digital output of fault detection
• Conforms to IEC 62752:2016/A1:2018 (FG-R14-6A and FG-R14-6B)
• Fully compliant to IEC 62955:20181 (FG-R14-6A and FG-R14-6B), can be
used for RCD-MD
• RoHS compliant
• 3,000 A surge current capability
• Composed of AEC-Q certified parts
• Compliant with ASIL_B for Safety Element out of Context(SEooC)


Similar Part No. - FG-R14-6B

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FG-R01-4BA KEMET-FG-R01-4BA Datasheet
256Kb / 1P
KEMET, FG-R01, Current, Through-Hole, Residual, Open-loop, Fluxgate- Based Current Detection, PCB Mounting
FG-R01-4GA KEMET-FG-R01-4GA Datasheet
256Kb / 1P
KEMET, FG-R01, Current, Through-Hole, Residual, Open-loop, Fluxgate- Based Current Detection, PCB Mounting
FG-R02-4BA KEMET-FG-R02-4BA Datasheet
270Kb / 1P
KEMET, FG-R02, Current, Through-Hole, Residual, Open-loop, Fluxgate- Based Current Detection, PCB Mounting
FG-R02-4GA KEMET-FG-R02-4GA Datasheet
270Kb / 1P
KEMET, FG-R02, Current, Through-Hole, Residual, Open-loop, Fluxgate- Based Current Detection, PCB Mounting
FG-R04-4AA KEMET-FG-R04-4AA Datasheet
314Kb / 1P
KEMET, FG-R04, Current, Through-Hole, Residual, Open-loop, Fluxgate- Based Current Detection, PCB Mounting
More results

Similar Description - FG-R14-6B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KA2LD ETC2-KA2LD Datasheet
405Kb / 8P
Residual current devices
logo
Texas Instruments
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
logo
PHOENIX CONTACT
2806223 PHOENIX-2806223 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
2806236 PHOENIX-2806236 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
2806249 PHOENIX-2806249 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
logo
Kemet Corporation
FG-R05-3A KEMET-FG-R05-3A Datasheet
851Kb / 11P
Residual current sensor
logo
Weidmuller
2603420000 WEIDMULLER-2603420000 Datasheet
186Kb / 4P
Residual current transformer, Primary current: 25A
2603430000 WEIDMULLER-2603430000 Datasheet
188Kb / 4P
Residual current transformer, Primary current: 25A
2603440000 WEIDMULLER-2603440000 Datasheet
186Kb / 4P
Residual current transformer, Primary current: 25A
November 4, 2021
2603450000 WEIDMULLER-2603450000 Datasheet
186Kb / 4P
Residual current transformer, Primary current: 25A
November 4, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com