Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SO2222 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SO2222
Description  SMALL SIGNAL NPN TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO2222 Datasheet(HTML) 2 Page - STMicroelectronics

  SO2222 Datasheet HTML 1Page - STMicroelectronics SO2222 Datasheet HTML 2Page - STMicroelectronics SO2222 Datasheet HTML 3Page - STMicroelectronics SO2222 Datasheet HTML 4Page - STMicroelectronics SO2222 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-amb
•
Rth j-SR
•
Thermal Resistance Junction-Ambient
Max
Thermal Resistance Junction-Substrat e
Max
350
290
oC/W
oC/W
• Mounted on a ceramic substrate area = 15 x 15 x 0.6 mm
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICEX
Collect or Cut-off
Current (VBE =0)
VCE =60 V
VBE =-3 V
for SO2222A
10
nA
IBEX
Base Cut-off Current
(VBE =0)
VCE =60 V
VBE =-3 V
for SO2222A
20
nA
ICBO
Collect or Cut-off
Current (IE =0)
VCB =rated VCBO
VCB =rated VCBO
Tj =150
oC
10
10
nA
µA
IEBO
Emitt er Cut-off Current
(IC =0)
VEB =3 V
for SO2222
for SO2222A
30
15
nA
nA
V( BR)CEO
∗ Collector-Emitter
Breakdown Volt age
(IB =0)
IC =10 mA
for SO2222
for SO2222A
30
40
V
V
V(BR)CBO
∗ Collector-Base
Breakdown Volt age
(IB =0)
IC =10
µA
for SO2222
for SO2222A
60
75
V
V
V(BR)EBO
Emitt er-Base
Breakdown Volt age
(IC =0)
IE =10
µA
for SO2222
for SO2222A
5
6
V
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =150 mA
IB =15 mA
for SO2222
for SO2222A
IC =500 mA
IB =50 mA
for SO2222
for SO2222A
0.4
0.3
1.6
1
V
V
V
V
VBE(s at)
∗ Collector-Base
Saturat ion Voltage
IC =150 mA
IB =15 mA
for SO2222
for SO2222A
IC =500 mA
IB =50 mA
for SO2222
for SO2222A
0. 6
1.3
1.2
2.6
2
V
V
V
V
hFE
∗
DC Current G ain
IC =0.1 mA
VCE =10 V
IC =1 mA
VCE =10 V
IC =10 mA
VCE =10 V
IC =150 mA
VCE =10 V
IC =150 mA
VCE =1 V
IC =500 mA
VCE =10 V
for SO2222
for SO2222A
35
50
75
100
50
30
40
300
fT
Transit ion F requency
IC =20 mA VCE = 20V f = 100MHz
for SO2222
for SO2222A
250
300
MHz
MHz
CCB
Collect or Base
Capacitance
IE =0
VCB =10 V
f = 1 MHz
8
pF
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2%
SO2222/SO2222A
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com