Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SO2222 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SO2222
Description  SMALL SIGNAL NPN TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO2222 Datasheet(HTML) 3 Page - STMicroelectronics

  SO2222 Datasheet HTML 1Page - STMicroelectronics SO2222 Datasheet HTML 2Page - STMicroelectronics SO2222 Datasheet HTML 3Page - STMicroelectronics SO2222 Datasheet HTML 4Page - STMicroelectronics SO2222 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
CEB
Emitt er Base
Capacitance
IE =0
VEB =0.5 V
f =1MHz
for SO2222
for SO2222A
30
25
pF
pF
NF
Noise Figure
IC =0.1 mA
VCE =10 V
f = 1 KHz
∆f = 200 Hz RG =1 KΩ
for SO2222A onl y
4dB
hie
∗
Input Impedance
VCE =10 V
IC =1 mA
f = 1 KHz
VCE =10 V
IC =10 mA
f = 1 KHz
for SO2222A onl y
2
0.25
8
1.25
K
Ω
K
Ω
hre
∗
Reverse Voltage Ratio
VCE =10 V
IC =1 mA
f = 1 KHz
VCE =10 V
IC =10 mA
f = 1 KHz
for SO2222A onl y
8
4
10
-4
10
-4
hfe
∗
Small Signal Current
Gain
VCE =10 V
IC =1 mA
f = 1 KHz
VCE =10 V
IC =10 mA
f = 1 KHz
for SO2222A onl y
50
75
300
375
hoe
∗
Output Admittance
VCE =10 V
IC =1 mA
f = 1 KHz
VCE =10 V
IC =10 mA
f = 1 KHz
for SO2222A onl y
5
25
35
200
µS
µS
td
Delay Time
IC =-150 mA
VBE =-0.5 V
for SO2222A onl y
10
ns
tr
Rise Time
25
ns
ts
St orage Time
IC =150 mA
IB1 =-IB2 =15mA
for SO2222A onl y
225
ns
tf
Fall T ime
60
ns
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2%
SO2222/SO2222A
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com