Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD4USB3BBTTS-QJ Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PESD4USB3BBTTS-QJ
Description  Extremely low capacitance bidirectional ESD protection diode array
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD4USB3BBTTS-QJ Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PESD4USB3BBTTS-QJ Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD4USB3BBTTS-QJ Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD4USB3BBTTS-QJ Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD4USB3BBTTS-QJ Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD4USB3BBTTS-QJ Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD4USB3BBTTS-QJ Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD4USB3BBTTS-QJ Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD4USB3BBTTS-QJ Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD4USB3BBTTS-QJ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Nexperia
PESD4USB3BBTTS-Q
Extremely low capacitance bidirectional ESD protection diode array
9. Characteristics
Table 6. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBR
breakdown voltage
IR = 1 mA; Tamb = 25 °C
5.5
9.5
11.5
V
ITLP = 8 A; tp = 100 ns; Tamb = 25 °C
[1] [2] -
5.2
-
V
ITLP = 16 A; tp = 100 ns; Tamb = 25 °C
[1] [2] -
8
-
V
VCL
clamping voltage
IPPM = 6.5 A; tp = 8/20 µs; Tamb = 25 °C [3] [2] -
5.2
-
V
IRM
reverse leakage current VRWM = 3.3 V; Tamb = 25 °C
-
1
100
nA
IR = 10 A; tp = 100 ns; Tamb = 25 °C
[1] [2] -
0.35
-
Ω
Rdyn
dynamic resistance
IR = -10 A; tp = 100 ns; Tamb = 25 °C
[1] [2] -
0.35
-
Ω
Cd
diode capacitance
f = 1 MHz; VR = 0 V; Tamb = 25 °C
[4]
-
0.23
0.3
pF
[1] Non-repetitive current pulse, Transmission Line Pulse (TLP); square pulse; ANSI / ESD STM5.5.1-2008
[2] Measured on pin 2
[3] Device stressed with 8/20 μs exponential decay waveform according to IEC 61000-4-5.
[4] Measured on pin 1
aaaa-037666
-3
-1
1
Sdd21
(dB)
-5
f (Hz)
107
1010
109
108
Fig. 3. Insertion loss; typical values
VI (V)
-6
6
3
-3
0
aaa-037667
0.4
0.8
1.2
a
0
Fig. 4. Relative capacitance as a function of input
voltage; typical values
PESD4USB3BBTTS-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
25 October 2023
4 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com