Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD4USB3BBTTS-QJ Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PESD4USB3BBTTS-QJ
Description  Extremely low capacitance bidirectional ESD protection diode array
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD4USB3BBTTS-QJ Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PESD4USB3BBTTS-QJ Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD4USB3BBTTS-QJ Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD4USB3BBTTS-QJ Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD4USB3BBTTS-QJ Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD4USB3BBTTS-QJ Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD4USB3BBTTS-QJ Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD4USB3BBTTS-QJ Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD4USB3BBTTS-QJ Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD4USB3BBTTS-QJ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Nexperia
PESD4USB3BBTTS-Q
Extremely low capacitance bidirectional ESD protection diode array
VCL (V)
0
20
16
8
12
4
aaa-037668
7
14
21
28
IPP
(A)
0
Transmission Line Pulse (TLP);
tp = 100 ns; tr = 1 ns; pin 2
Fig. 5. Dynamic resistance with positive clamping;
typical values
VCL (V)
-20
0
-4
-12
-8
-16
aaa-037669
-14
-21
-7
0
IPP
(A)
-28
Transmission Line Pulse (TLP);
tp = 100 ns; tr = 1 ns; pin 2
Fig. 6. Dynamic resistance with negative clamping;
typical values
VCL (V)
0
8
6
2
4
aaa-037670
4
2
6
8
IPP
(A)
0
IEC 61000-4-5; tp = 8/20 µs; positive pulse
Fig. 7. Dynamic resistance with positive clamping;
typical values
VCL (V)
-8
0
-2
-6
-4
aaa-037671
-4
-6
-2
0
IPP
(A)
-8
IEC 61000-4-5; tp = 8/20 µs; negative pulse
Fig. 8. Dynamic resistance with negative clamping;
typical values
PESD4USB3BBTTS-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
25 October 2023
5 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com