Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMC32PAS-Q Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # PIMC32PAS-Q
Description  50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMC32PAS-Q Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button PIMC32PAS-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 10Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 11Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 12Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 13Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 14Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 15Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Nexperia
PIMC32PAS-Q
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
11. Test information
Quality information
This product has been qualified in accordance with the Automotive Electronics Council (AEC)
standard Q101 - Stress test qualification for discrete semiconductors, and is suitable for use in
automotive applications.
Resistor calculation
• Calculation of bias resistor 1 (R1):
• Calculation of bias resistor ratio (R2/R1):
R1
R2
GND
I1; I2
n.c.
I3; I4
aaa-020082
Fig. 20. NPN transistor: Resistor test circuit
R1
R2
GND
I1; I2
n.c.
I3; I4
aaa-020083
Fig. 21. PNP transistor: Resistor test circuit
Resistor test conditions
Table 8. Resistor test conditions
Test conditions
PIMC32PAS-Q R1 (kΩ)
R2 (kΩ)
I1
I2
I3
I4
TR1 (NPN)
0.7 mA
0.8 mA
-0.45 mA
-0.55 mA
TR2 (PNP)
2.2
10
-0.7 mA
-0.8 mA
0.45 mA
0.55 mA
PIMC32PAS-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
31 August 2023
12 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com