Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMC32PAS-Q Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # PIMC32PAS-Q
Description  50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMC32PAS-Q Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button PIMC32PAS-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 10Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 11Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 12Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 13Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 14Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 15Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Nexperia
PIMC32PAS-Q
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
12. Package outline
15-02-13
Dimensions in mm
2.0
2.0
0.62
1
Fig. 22. Package outline DFN2020D-6 (SOT1118D)
13. Soldering
0.33
SOT1118D
sot1118d_fr
solder lands
occupied area
solder resist
solder paste
Dimensions in mm
0.9 1 1.1
0.35
0.45
0.2
1.65
2.2
0.3
0.25
0.65
1.65
0.21
0.31
0.935
0.22
2.3
2.5
0.12
0.53 0.43
0.77
0.67
0.57
0.49
Fig. 23. Reflow soldering footprint for DFN2020D-6 (SOT1118D)
PIMC32PAS-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
31 August 2023
13 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com