Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0091321 Datasheet(PDF) 2 Page - Lapp.

Part # 0091321
Description  ÖLFLEX® HEAT 260 MC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

0091321 Datasheet(HTML) 2 Page - Lapp.

  0091321 Datasheet HTML 1Page - Lapp. 0091321 Datasheet HTML 2Page - Lapp. 0091321 Datasheet HTML 3Page - Lapp. 0091321 Datasheet HTML 4Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
U.I. Lapp
GmbH
PRODUCT INFORMATION
ÖLFLEX® HEAT 260 MC
05.11.2015
PN 0486/0_03.0
Application range
For use in environments with very high operating temperatures, heavy usage of chemical agents or confined spaces
ÖLFLEX® HEAT 260 has proven to be an effective solution in harsh environments such as paint shop lines
Typical fields of application
- Industrial furnace construction
- Foundries
- Chemical industry
- Power plant engineering
- Paint shop line technology
- Heating elements
- Polymer processing
- Wind turbine engineering
Sensor systems, e.g. level sensors
Product Make-up
Fine-wire strand made of nickel-plated copper
PTFE-based core insulation
Cores twisted together
PTFE-based outer sheath, black
Product features
ÖLFLEX® HEAT 260 made of PTFE
- Outstanding resistance against acids,
alkalis, solvents, lacquers, petrol, oils and
many other chemical media
- Difficult to inflame
- High dielectric strength and high abrasion
resistance
- Low water absorption
- Resistant to microbes
- Adhesion-free insulation materials
- Weather and ozone resistant
- Hydrophobic and dirt-repellent
- High elongation and tear resistance
- Resists contact with liquid nitrogen
- Resistant against hydraulic fluids
Flame retardant acc. to IEC 60332-1-2
Remark
Unless specified otherwise, the shown product values are nominal values. Detailed values (e.g. tolerances) are available upon
request.
Copper price basis: EUR 150/100 kg. Refer to catalogue appendix T17 for the definition and calculation of copper-related
surcharges.
Please find our standard lengths at: www.lappkabel.de/en/cable-standardlengths
Packaging size: coil ≤ 30 kg or ≤ 250 m, otherwise drum
Please specify the preferred type of packaging (e.g. 1 x 500 m drum or 5 x 100 m coils).
Photographs are not to scale and do not represent detailed images of the respective products.
Product Management
Document: LAPP_PRO159EN.pdf
2 / 4
©2012 Lapp Group - Technical changes reserved
Photographs are not to scale and do not represent detailed images of the respective products.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com