Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0091321 Datasheet(PDF) 3 Page - Lapp.

Part # 0091321
Description  ÖLFLEX® HEAT 260 MC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

0091321 Datasheet(HTML) 3 Page - Lapp.

  0091321 Datasheet HTML 1Page - Lapp. 0091321 Datasheet HTML 2Page - Lapp. 0091321 Datasheet HTML 3Page - Lapp. 0091321 Datasheet HTML 4Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U.I. Lapp
GmbH
PRODUCT INFORMATION
ÖLFLEX® HEAT 260 MC
05.11.2015
PN 0486/0_03.0
Technical Data
Core identification code:
Colours according to VDE 0293-308, refer to Appendix T9
Classification:
ETIM 5.0 Class-ID: EC001578
ETIM 5.0 Class-Description: Flexible cable
Conductor stranding:
Fine wire according to VDE 0295 Class 5/ IEC 60228 Class 5
Minimum bending radius:
Occasional flexing: 15 x outer diameter
Fixed installation: 4 x outer diameter
Nominal voltage:
U₀/U: 300/500 V
Test voltage:
2500 V
Protective conductor:
G = with GN-YE protective conductor
X = without protective conductor
Temperature range:
Fixed installation:
-190°C to +260°C
Short-term: up to +300°C
Product Management
Document: LAPP_PRO159EN.pdf
3 / 4
©2012 Lapp Group - Technical changes reserved
Photographs are not to scale and do not represent detailed images of the respective products.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com