Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52805-CAAA-R7 Datasheet(PDF) 2 Page - Nordic Semiconductor

Part # NRF52805-CAAA-R7
Description  LAUNCH PACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52805-CAAA-R7 Datasheet(HTML) 2 Page - Nordic Semiconductor

  NRF52805-CAAA-R7 Datasheet HTML 1Page - Nordic Semiconductor NRF52805-CAAA-R7 Datasheet HTML 2Page - Nordic Semiconductor NRF52805-CAAA-R7 Datasheet HTML 3Page - Nordic Semiconductor NRF52805-CAAA-R7 Datasheet HTML 4Page - Nordic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2020.05.06
Page 2 of 4
PRODUCT SPECIFICATIONS
Product name
nRF52805
Product description
Bluetooth 5.2 SoC in a WLCSP optimized for small
two-layer PCB designs
Wireless protocol support
Bluetooth Low Energy/2.4 GHz proprietary
Radio frequency
2.4 GHz
Processor
64 MHz Arm Cortex-M4
Memory
192 KB Flash and 24 KB RAM
Analog interfaces
2-channel 12-bit ADC
Digital interfaces
UART/TWI/SPI
Security
128-bit AES
Operating temperature
-40°C to 85°C
Operating supply voltage
1.7-3.6 V
Antenna interface
Single-ended
Packaging options
2.48x2.46 mm WLCSP28 with 10 GPIOs
RoHS
TBD
OVERVIEW
The nRF52805 System-on-Chip (SoC) is the 7th addition to the industry-leading nRF52®
Series. It augments the already extensive collection of wireless SoCs with an SoC in a
WLCSP optimized for small two-layer PCB designs, ideal for cost-constrained
applications. It is the perfect choice for applications such as beacons, disposable medical
devices, sensors, simple CE remotes, styluses and presenters. It can also be applied as a
network processor, allowing another MCU to leverage its connectivity.
The nRF52805 features an Arm® Cortex®-M4 processor, clocked at 64 MHz (144
CoreMark), with excellent efficiency (65 CoreMark/mA). It has 192 KB Flash and 24 KB
RAM and integrates a range of analog and digital interfaces such as a 2-channel 12-bit
ADC, SPI, UART, and TWI. The SoC's current draw is as little as 0.3
µA in System OFF
and 1.1
µA in System ON with 24 KB RAM retained and RTC running.
The nRF52805 is a Bluetooth® 5.2 SoC supporting Bluetooth Low Energy and 2.4 GHz
proprietary protocols. It is capable of Bluetooth high-throughput 2 Mbps, transferring
data faster and more efficient, and Bluetooth channel selection algorithm #2 (CSA #2),
improving coexistence and reducing interference. It also supports 2.4 GHz proprietary
protocols, such as Enhanced ShockBurst (ESB). The radio has up to 4 dBm TX power
and -97 dBm sensitivity (1 Mbps Bluetooth LE). The radio draws only 4.6 mA in both TX
(0 dBm) and RX.
The nRF52805 is available in our smallest package, a 2.48x2.46 mm WLCSP package,
with 10 GPIOs. The package is optimized for two-layer PCBs, cutting cost significantly,
compared to four-layer PCBs. Nordic provides a 9.5x8.8 mm reference layout with all ten



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com