Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52805-CAAA-R7 Datasheet(PDF) 3 Page - Nordic Semiconductor

Part # NRF52805-CAAA-R7
Description  LAUNCH PACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52805-CAAA-R7 Datasheet(HTML) 3 Page - Nordic Semiconductor

  NRF52805-CAAA-R7 Datasheet HTML 1Page - Nordic Semiconductor NRF52805-CAAA-R7 Datasheet HTML 2Page - Nordic Semiconductor NRF52805-CAAA-R7 Datasheet HTML 3Page - Nordic Semiconductor NRF52805-CAAA-R7 Datasheet HTML 4Page - Nordic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2020.05.06
Page 3 of 4
GPIOs available, requiring only 10 external passive components (inc. two crystal load
capacitors). nRF52805 offers the rare combination of low cost and small size, normally
being a trade-off.
The nRF52805 is supported by two Bluetooth Low Energy protocol stacks, SoftDevice
S112 and S113. The S112 and S113 are memory-optimized Peripheral-only stacks supporting
up to 4 connections as a Peripheral concurrently with a Broadcaster. They are Bluetooth
5.1 qualified and supports the following Bluetooth features: high-throughput 2 Mbps and
channel selection algorithm 2 (CSA #2).
The nRF52 DK is the recommended development kit, it emulates the nRF52805, and can
be used as a starting point for development before moving over to a custom board. A
guide on how to use nRF52805 with nRF5 SDK is available.
The nRF52805 SoC is in mass production now, in a 2.48x2.46 WLCSP28 package with 10
GPIOs.
KEY FEATURES
• 64 MHz Arm® Cortex-M4
• 192 KB Flash + 24 KB RAM
• Bluetooth Low Energy
o Bluetooth 5.2
o High-throughput 2 Mbps
o Channel selection algorithm #2
• 2.4 GHz proprietary protocol support
• Ultra-low-power 2.4 GHz multiprotocol radio
o +4 dBm TX power
o -97 dBm RX sensitivity
o 7 mA in TX (4 dBm)
o 4.6 mA in TX (0 dBm)
o 4.6 mA in RX (1 Mbps)
o Integrated balun with single-ended output
• SPI, TWI UART
• 2-channel 12-bit ADC
• Integrated DC/DC regulator
• 0.3
µA in System OFF
• 1.1
µA in System ON with 24 KB RAM retained and RTC running
• Optimized for small two-layer PCB designs
o 2.48x2.46 mm WLCSP package
o Significantly lower cost than four-layer PCB designs
o Only 10 external passive components (inc. two crystal load capacitors)
o 9.5x8.8 mm reference layout is available, giving access to all GPIOs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com