Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF5340-CLAA-R Datasheet(PDF) 1 Page - Nordic Semiconductor

Part # NRF5340-CLAA-R
Description  Dual-core Bluetooth 5.2 SoC supporting Bluetooth Low Energy,Bluetooth mesh, NFC, Thread and Zigbee
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF5340-CLAA-R Datasheet(HTML) 1 Page - Nordic Semiconductor

  NRF5340-CLAA-R Datasheet HTML 1Page - Nordic Semiconductor NRF5340-CLAA-R Datasheet HTML 2Page - Nordic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
nRF5340 SoC Product Brief Version 2.1
For more information please visit: nordicsemi.com/nRF5340
Key features

High-performance application processor
y 128/64 MHz Arm Cortex-M33 with
FPU and DSP instructions
y 1 MB Flash + 512 KB RAM
y 8 KB 2-way set associative cache

Fully-programmable network processor
y 64 MHz Arm Cortex-M33 with
2 KB instruction cache
y 256 KB Flash + 64 KB RAM

Next level security
y Trusted execution with Arm TrustZone
y Hardware accelerated cryptography
with Arm CryptoCell-312
y Secure Key Storage
y Secure bootloader with root-of-trust
and DFU

Bluetooth Low Energy
y Bluetooth 5.2
y LE Audio
y Direction Finding
y 2 Mbps, Advertising Extensions and
Long Range

Bluetooth mesh

Thread, Zigbee and 802.15.4

NFC

Full range of digital interfaces with
EasyDMA
y Full-speed USB
y 96 MHz encrypted QSPI
y 32 MHz high-speed SPI

105 °C extended operating temperature

1.7-5.5 V supply voltage range
Applications

LE Audio

Professional lighting

Industrial

Advanced wearables

Medical

Smart home

Asset tracking and RTLS
Overview
The nRF5340 is the world’s first wireless System-on-Chip (SoC) with two Arm®
Cortex®-M33 processors. The combination of two flexible processors, the
advanced feature set, and an operating temperature up to 105 °C, makes it
the ideal choice for LE audio, professional lighting, advanced wearables, and
other complex IoT applications.
All-in-one
The nRF5340 is an all-in-one SoC, including a superset of the most prominent
nRF52® Series features. Features like USB, Bluetooth 5.2, up to 105 °C operating
temperature, and more, are combined with more performance, memory,
integration, while minimizing current consumption.
High-performance application processor
The application processor is optimized for performance and can be clocked at
either 128 or 64 MHz, using voltage-frequency scaling. The highest performance
(514 CoreMark) is achieved with 128 MHz, while running at 64 MHz offers a more
efficient option (73 CoreMark/mA). The application processor has 1 MB Flash,
512 KB RAM, a floating-point unit (FPU), an 8 KB 2-way associative cache and
DSP instruction capabilities.
F
ully-programmable network processor
The network processor is clocked at 64 MHz and is optimized for low power
and efficiency (101 CoreMark/mA). It has 256 KB Flash and 64 KB RAM. It is
fully programmable, enabling the developer to select which parts of the code
to run with the highest efficiency, in addition to the wireless protocol stack.
Next level security
The nRF5340 takes security to the next level by incorporating Arm Crypto-
Cell-312, Arm TrustZone®, and Secure Key Storage. Arm TrustZone efficiently
provides system-wide hardware isolation for trusted software by separating
between secure and non-secure regions on a single core. The security attrib-
utes of the Flash, RAM, and peripherals are easily configured through the nRF
Connect SDK. The Arm CryptoCell-312 hardware accelerates the strong ciphers
and encryption standards required in the most security-conscious IoT products.
Secure Key Storage is enabled by the Key Management Unit (KMU) peripheral,
where the keys are physically isolated from processor access, and only the
Arm CryptoCell-312 can access the secure keys. The secure bootloader in the
nRF Connect SDK establishes a root-of-trust and extends this to a chain-of-trust
by only booting software that has a verified signature. The bootloader also
verifies that all incoming device firmware updates originate from an authen-
ticated source.
nRF5340
Dual-core Bluetooth 5.2 SoC supporting Bluetooth Low Energy,
Bluetooth mesh, NFC, Thread and Zigbee


Similar Part No. - NRF5340-CLAA-R

ManufacturerPart #DatasheetDescription
logo
Nordic Semiconductor
NRF5340-DK NORDIC-NRF5340-DK Datasheet
973Kb / 2P
Development kit for the nRF5340, a dual-core Bluetooth 5.2 SoC supporting Bluetooth Low Energy, Bluetooth mesh, NFC, Thread and Zigbee
Version 1.0
NRF5340-PDK NORDIC-NRF5340-PDK Datasheet
5Mb / 24P
Power Profiler Kit II
2021-06-08 v1.0.1
More results

Similar Description - NRF5340-CLAA-R

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
logo
Skyworks Solutions Inc.
SKY66113-11 SKYWORKS-SKY66113-11_17 Datasheet
432Kb / 9P
2.4 GHz Bluetooth Low Energy/802.15.4/ Thread/ZigBee Front-End Module
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
logo
Panasonic Semiconductor
PAN1761 PANASONIC-PAN1761 Datasheet
1Mb / 34P
Bluetooth Low Energy & NFC Combo Module
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Nordic Semiconductor
NRF52840 NORDIC-NRF52840 Datasheet
318Kb / 2P
High-end multiprotocol Bluetooth Low Energy (LE) SoC supporting: Bluetooth 5.3/Bluetooth mesh/Thread/ Zigbee/802.15.4/ANT
Version 3.0
NRF5340-DK NORDIC-NRF5340-DK Datasheet
973Kb / 2P
Development kit for the nRF5340, a dual-core Bluetooth 5.2 SoC supporting Bluetooth Low Energy, Bluetooth mesh, NFC, Thread and Zigbee
Version 1.0
logo
List of Unclassifed Man...
NORA-B1 ETC-NORA-B1 Datasheet
1Mb / 46P
Stand-alone dual-core Bluetooth® 5.2 Low Energy and IEEE 802.15.4 module
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
logo
Nordic Semiconductor
NRF52820 NORDIC-NRF52820 Datasheet
328Kb / 2P
Bluetooth 5.3 SoC supporting Bluetooth Low Energy, Bluetooth mesh, Thread and Zigbee, qualified for up to 105°C.
Version 1.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com