Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF5340-CLAA-R Datasheet(PDF) 2 Page - Nordic Semiconductor

Part # NRF5340-CLAA-R
Description  Dual-core Bluetooth 5.2 SoC supporting Bluetooth Low Energy,Bluetooth mesh, NFC, Thread and Zigbee
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF5340-CLAA-R Datasheet(HTML) 2 Page - Nordic Semiconductor

  NRF5340-CLAA-R Datasheet HTML 1Page - Nordic Semiconductor NRF5340-CLAA-R Datasheet HTML 2Page - Nordic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
nRF5340 SoC Product Brief Version 2.1
For more information please visit: nordicsemi.com/nRF5340
Application core
CPU
Memory
Cache
Performance
Efficiency
128/64 MHz Arm Cortex-M33
1 MB Flash + 512 KB RAM
8 KB 2-way set associative cache
514/257 CoreMark
66/73 CoreMark/mA
Network core
CPU
Memory
Cache
Performance
Efficiency
64 MHz Arm Cortex-M33
256 KB Flash + 64 KB RAM
2 KB instruction cache
244 CoreMark
101 CoreMark/mA
Security features
Trusted execution, root-of-trust, secure key
storage, 128-bit AES
Security hardware Arm TrustZone, Arm CryptoCell-312, SPU,
KMU, ACL
Wireless protocol
support
Bluetooth Low Energy/Bluetooth mesh/
NFC/Thread/Zigbee/802.15.4/ANT/2.4 GHz
proprietary
On-air data rate
Bluetooth LE:
2 Mbps/1 Mbps/125 kbps
802.15.4:
250 kbps
TX power
Programmable from +3 to -20 dBm in 1 dB
steps
RX sensitivity
Bluetooth LE:
-98 dBm at 1 Mbps
-95 dBm at 2 Mbps
Radio current
consumption
DC/DC at 3 V
5.1 mA at +3 dBm TX power,
3.4 mA at 0 dBm TX power,
2.7 mA in RX at 1 Mbps
3.1 mA in RX at 2 Mbps
Oscillators
64 MHz from 32 MHz external crystal or
internal
32 kHz from crystal, RC or synthesized
System current
consumption
DC/DC at 3 V
0.9 µA in System OFF
1.3 µA in System ON
1.5 µA in System ON with network core RTC
running
1.7 µA in System ON with 64 KB network core
RAM retained and network core RTC running
Digital interfaces
12 Mbps full-speed USB
96 MHz encrypted QSPI
32 MHz high-speed SPI
4xUART/SPI/TWI, I²S, PDM, 4xPWM,
2xQDEC
UART/SPI/TWI
Analog interfaces
12-bit, 200 ksps ADC, low-power comparator,
general-purpose comparator
Other peripherals
6 x 32 bit timer/counter, 4 x 24 bit real-time
counter, DPPI, GPIOTE, Temp sensor, WDT,
RNG
Temperature range
-40°C to 105°C
Supply voltage
1.7 to 5.5 V
Package options
7x7 mm aQFN™94 with 48 GPIOs
4.4x4.0 mm WLCSP95 with 48 GPIOs
nRF5340 DK
Development kit for the nRF5340 SoC
nRF Connect SDK
Software development kit for the nRF5340
Specification
Related Products
Extensive wireless protocol support
The nRF5340 SoC supports an extensive range of wireless
protocols. It supports Bluetooth Low Energy and is capable of
all angle-of-arrival and angle-of-departure roles in Direction
Finding, in addition to LE Audio, Long Range, high-through-
put 2 Mbps and Advertising Extensions features. Mesh
protocols like Bluetooth mesh, Thread and Zigbee can be
run concurrently with Bluetooth LE, enabling smartphones
to provision, commission, configure and control mesh nodes.
NFC, ANT, 802.15.4 and 2.4 GHz proprietary protocols are
also supported.
Designed for LE Audio
The SoC has been designed to meet the requirements of LE
Audio, enabling audio streaming over Bluetooth Low Energy.
LE Audio supports multi-stream synchronized audio for
applications such as earbuds, and Audio Sharing, whereby
a single audio source can broadcast to multiple recipients.
The nRF5340 radio supports Isochronous Channels, the
Bluetooth 5.2 feature required by LE Audio for streaming. LE
Audio also introduces the Low Complexity Communications
Codec (LC3), a high-quality, low-power audio compression
codec that can run efficiently on the nRF5340. The audio
data can be transferred to other parts of the system (AD/DA
converters, speakers, microphones) using the I²S and PDM au-
dio interfaces, which employ the nRF5340’s low-jitter audio
PLL clock source.
Ultra-low-power radio with great sensitivity
The nRF5340 SoC radio sets a new standard when it comes
to combining advanced features and minimizing current. The
0 dBm TX current is 3.4 mA, while the RX current is only 2.7
mA, resulting in a reduction of 29% and 41% when compar-
ing to the nRF52840 SoC. The RX sensitivity is -98 dBm, 3 dB
better than nRF52840, meaning that the nRF5340 provides 3
dB better sensitivity, while using 41% less current.
nRF Connect SDK
The nRF Connect SDK is the software development kit for
the nRF5340 SoC. It supports development of Bluetooth
Low Energy, Thread and Zigbee applications. It integrates
the Zephyr RTOS, protocol stacks, samples, hardware driv-
ers and much more.
nRF Connect SDK also supports the nRF9160, our LTE-M/
NB-IoT/GPS SiP, and the nRF52 Series. It is a common plat-
form for both cellular IoT and short-range development.
nRF5340 DK
The nRF5340 DK is the development kit for the nRF5340 SoC.
It is affordable, and has everything needed for development
on a single board. All features and GPIOs of the nRF5340 SoC
are made available to the developer, and it comes with an on-
board SEGGER J-Link debugger enabling both programming
and debugging of the nRF5340 SoC.
The nRF5340 SoC and the nRF5340 DK are available for
purchase through our distribution network.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com