Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

911401856483 Datasheet(PDF) 1 Page - Philips Lighting N.V

Part # 911401856483
Description  Ledinaire floodlights gen3
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPSLIGHTING [Philips Lighting N.V]
Direct Link  https://www.lighting.philips.com/
Logo PHILIPSLIGHTING - Philips Lighting N.V

911401856483 Datasheet(HTML) 1 Page - Philips Lighting N.V

  911401856483 Datasheet HTML 1Page - Philips Lighting N.V 911401856483 Datasheet HTML 2Page - Philips Lighting N.V 911401856483 Datasheet HTML 3Page - Philips Lighting N.V  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ledinaire floodlights
gen3
BVP165 LED120/840 PSU 100W SWB CE
Ledinaire floodlights gen3, 100 W, 12000 lm, 4000 K, CRI80,
Symmetrical wide beam, IP65
This Ledinaire floodlights range contains a selection of popular off-the-shelf LED
luminaires that comes with the Philips high quality levels at a competitive price.
Reliable, energy-efficient and affordable – just what you need.
Product data
General information
Lighting Technology
LED
Driver included
Yes
Number of gear units
Unit
Lamp family code
-
Light source engine type
LED
Light source replaceable
No
Light technical
Upwards light output ratio
0
Luminous Flux
12,000 lm
Standard tilt angle post-top
-
Standard tilt angle side entry
-
Correlated Colour Temperature
4000 K
Luminous Efficacy (rated) (Nom)
120 lm/W
Colour rendering index (CRI)
>80
Flickering value (PstLM)
1
Stroboscopic effect
5
Light source colour
840 neutral white
Optical cover/lens type
Glass
Luminaire light beam spread
110° x 110°
Optic type outdoor
Symmetrical wide beam
Operating and electrical
Input Voltage
220 to 240 V
Line Frequency
50 or 60 Hz
Input frequency
50 or 60 Hz
Initial CLO power consumption
- W
Average CLO power consumption
100 W
End CLO power consumption
- W
Inrush current
3.84 A
Inrush time
0.0244 ms
Power Consumption
100 W
Power Factor (Fraction)
0.95
Connection
Flying leads/cables
Cable
Cable 2.0 m without plug
Datasheet, 2023, April 15
data subject to change
Lighting
Lighting


Similar Part No. - 911401856483

ManufacturerPart #DatasheetDescription
logo
Philips Lighting N.V
911401850780 PHILIPSLIGHTING-911401850780 Datasheet
373Kb / 3P
Ledinaire recessed
2023, April 15
911401854882 PHILIPSLIGHTING-911401854882 Datasheet
7Mb / 3P
Ledinaire Waterproof WT065C
2023, April 15
911401855082 PHILIPSLIGHTING-911401855082 Datasheet
601Kb / 3P
Ledinaire Waterproof WT065C
2023, April 15
911401855182 PHILIPSLIGHTING-911401855182 Datasheet
601Kb / 3P
Ledinaire Waterproof WT065C
2023, April 15
911401855483 PHILIPSLIGHTING-911401855483 Datasheet
411Kb / 3P
Ledinaire floodlights gen3
2023, April 15
More results

Similar Description - 911401856483

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-6520 ETC2-CPCI-6520 Datasheet
541Kb / 2P
USB 3.0 and PCI-Express Gen3 support
logo
AVAGO TECHNOLOGIES LIMI...
PEX8714 AVAGO-PEX8714 Datasheet
375Kb / 4P
PCI Express Gen3 Switch
PEX8718 AVAGO-PEX8718 Datasheet
348Kb / 4P
PCI Express Gen3 Switch
PEX8734 AVAGO-PEX8734 Datasheet
556Kb / 5P
PCI Express Gen3 Switch
PEX8750 AVAGO-PEX8750 Datasheet
565Kb / 5P
PCI Express Gen3 Switch
PEX8764 AVAGO-PEX8764 Datasheet
590Kb / 5P
PCI Express Gen3 Switch
PEX8780 AVAGO-PEX8780 Datasheet
540Kb / 5P
PCI Express Gen3 Switch
PEX8796 AVAGO-PEX8796 Datasheet
570Kb / 5P
PCI Express Gen3 Switch
logo
Pericom Semiconductor C...
PI6CEQ20200 PERICOM-PI6CEQ20200 Datasheet
875Kb / 9P
PCIe Gen2 / Gen3 Buffer
logo
Keysight Technologies
N5393D KEYSIGHT-N5393D Datasheet
3Mb / 25P
PCI Express짰 3.0 (Gen3) Software
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com