Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

911401856483 Datasheet(PDF) 2 Page - Philips Lighting N.V

Part # 911401856483
Description  Ledinaire floodlights gen3
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPSLIGHTING [Philips Lighting N.V]
Direct Link  https://www.lighting.philips.com/
Logo PHILIPSLIGHTING - Philips Lighting N.V

911401856483 Datasheet(HTML) 2 Page - Philips Lighting N.V

  911401856483 Datasheet HTML 1Page - Philips Lighting N.V 911401856483 Datasheet HTML 2Page - Philips Lighting N.V 911401856483 Datasheet HTML 3Page - Philips Lighting N.V  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Number of products on MCB of 16 A type B
22
Temperature
Ambient temperature range
-25 to +40 °C
Controls and dimming
Dimmable
No
Driver/power unit/transformer
Power supply unit (On/Off)
Constant light output
No
Mechanical and housing
Housing material
Aluminium die cast
Reflector material
Polycarbonate
Optic material
Glass
Optical cover/lens material
Tempered glass
Fixation material
Steel
Housing Colour
Grey
Mounting device
Mounting bracket adjustable
Optical cover/lens shape
Flat
Optical cover/lens finish
Clear
Overall length
220 mm
Overall width
312 mm
Overall height
34.5 mm
Effective projected area
0.045 m
²
Dimensions (height x width x depth)
35 x 312 x 220 mm
Approval and application
Ingress protection code
IP65 [Dust penetration-protected, jet-
proof]
Mech. impact protection code
IK08 [5 J vandal-protected]
Surge Protection (Common/Differential)
Luminaire surge protection level up to 4
kV differential mode and 4 kV common
mode
Sustainability rating
-
Protection class IEC
Safety class I
Glow-wire test
Temperature 650 °C, duration 30 s
Flammability mark
-
CE mark
Yes
ENEC mark
-
Warranty period
3 years
Photobiological risk
Photobiological risk group 1 @200mm to
EN62778
Photobiological risk specification
0.2 m
EU RoHS compliant
Yes
Initial performance (IEC compliant)
Luminous flux tolerance
+/-10%
Initial chromaticity
(0.380, 0.380) SDCM <5
Power consumption tolerance
+/-10%
Init. Color Rendering Index Tolerance
+/-2
Over time performance (IEC compliant)
Control gear failure rate at median useful life
50,000 h
5 %
Lumen maintenance at median useful life*
50,000 h
80
Application conditions
Performance ambient temperature Tq
25 °C
Maximum dim level
Not applicable
Product data
Full EOC
871951453351699
Order product name
BVP165 LED120/840 PSU 100W SWB CE
Order code
53351699
SAP numerator – quantity per pack
1
Numerator – packs per outer box
6
Material number (12NC)
911401856483
Full product name
BVP165 LED120/840 PSU 100W SWB CE
EAN/UPC - Case
8719514533752
Dimensional drawing
220
Ø 8.5
120
Ledinaire floodlights gen3
2
Datasheet, 2023, April 15
data subject to change



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com