Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SO2907A Datasheet(PDF) 1 Page - STMicroelectronics

Part # SO2907A
Description  SMALL SIGNAL PNP TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO2907A Datasheet(HTML) 1 Page - STMicroelectronics

  SO2907A Datasheet HTML 1Page - STMicroelectronics SO2907A Datasheet HTML 2Page - STMicroelectronics SO2907A Datasheet HTML 3Page - STMicroelectronics SO2907A Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SO2907
SO2907A
SMALL SIGNAL PNP TRANSISTORS
s
SILICON EPITAXIAL PLANAR PNP
TRANSISTORS
s
MINIATURE PLASTIC PACKAGE FOR
APPLICATION IN SURFACE MOUNTING
CIRCUITS
s
MEDIUM CURRENT AF AMPLIFICATION
AND SWITCHING
s
NPN COMPLEMENTS ARE RESPECTIVELY
SO2907 AND SO2907A
INTERNAL SCHEMATIC DIAGRAM
March 1996
1
2
3
SOT-23
Type
Marking
SO2907
P05
SO 2907A
P03
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
SO2907
SO 2907A
VCBO
Collector-Emit ter Voltage (VBE =0)
-60
-60
V
VCEO
Collector-Emit ter Voltage (IB =0)
-40
-60
V
VEBO
Emitter-Base Voltage (IC =0)
-5
V
ICM
Collector Peak Current
-0. 8
A
Ptot
Tot al Dissipation at Tc =25
oC
350
mW
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. O perat ing Junction Temperature
150
oC
1/4


Similar Part No. - SO2907A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SO2040M200S SCHNEIDER-SO2040M200S Datasheet
101Kb / 2P
Homeline All In One combination service entrance device, ringed socket, no bypass, OH, 200 A, 10 kA, 20 spaces
Mar 30, 2020
SO2040M200SS SCHNEIDER-SO2040M200SS Datasheet
117Kb / 2P
ALL-IN-ONE RINGLESS OH200ASURFACEHORNSOL
Mar 30, 2020
SO2040VP SCHNEIDER-SO2040VP Datasheet
100Kb / 2P
ALL-IN-ONE RING T-SURFACE OH 200A VALUE PAC
Mar 30, 2020
logo
Lumins Inc.
SO20D LUMINIS-SO20D Datasheet
47Kb / 1P
Down light twin pole mount
logo
Willow Technologies Ltd
SO20L WILLOW-SO20L Datasheet
248Kb / 2P
SMT-Precision-R-Networks
More results

Similar Description - SO2907A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
Small Signal Transistors (PNP)
BC556 GE-BC556 Datasheet
253Kb / 6P
Small Signal Transistors (PNP)
MMBT3906 GE-MMBT3906 Datasheet
136Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
logo
Vishay Siliconix
BCW61 VISHAY-BCW61 Datasheet
40Kb / 3P
Small Signal Transistors (PNP)
09-May-02
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
PNP Small Signal Transistors
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
PNP Small Signal Transistors
MMST2907A MCC-MMST2907A_11 Datasheet
193Kb / 2P
PNP Small Signal Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com