Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SO2907A Datasheet(PDF) 2 Page - STMicroelectronics

Part # SO2907A
Description  SMALL SIGNAL PNP TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO2907A Datasheet(HTML) 2 Page - STMicroelectronics

  SO2907A Datasheet HTML 1Page - STMicroelectronics SO2907A Datasheet HTML 2Page - STMicroelectronics SO2907A Datasheet HTML 3Page - STMicroelectronics SO2907A Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-amb
•
Rth j-SR
•
Thermal Resistance Junction-Ambient
Max
Thermal Resistance Junction-Substrat e
Max
350
290
oC/W
oC/W
• Mounted on a ceramic substrate area = 15 x 15 x 0.7 mm
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICEX
Collect or Cut-off
Current
VCE =-30 V
VBE =-3 V
-50
nA
IBEX
Base Cut-off Current
VCE =-30 V
VBE =-3 V
-50
nA
ICBO
Collect or Cut-off
Current (IE =0)
VCB =-50 V
for SO2907
for SO2907A
-20
-10
nA
nA
V( BR)CEO
∗ Collector-Emitter
Breakdown Volt age
(IB =0)
IC =-10 mA
for SO2907
for SO2907A
-40
-60
V
V
V( BR)CBO
∗ Collector-Base
Breakdown Volt age
(IB =0)
IC =-10
µA-60
V
V(BR)EBO
Emitt er-Base
Breakdown Volt age
(IC =0)
IE =-10
µA-5
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =-150 mA
IB =-15 mA
IC =-500 mA
IB =-50 mA
-0.4
-1.6
V
V
VBE(s at)
∗ Collector-Base
Saturat ion Voltage
IC =-150 mA
IB =-15 mA
IC =-500 mA
IB =-50 mA
-1.3
-2.6
V
V
hFE
∗
DC Current G ain
IC =-0.1 mA
VCE =-10 V
for SO2907
for SO2907A
IC =-1 mA
VCE =-10 V
for SO2907
for SO2907A
IC =-10 mA
VCE =-10 V
for SO2907
for SO2907A
IC =-150 mA
VCE =-10 V
35
75
50
100
75
100
100
300
fT
Transit ion F requency
IC =-50 mA VCE = -20V f = 100MHz
200
MHz
CCB
Collect or Base
Capacitance
IE =0
VCB = -10 V
f = 1 MHz
8
pF
CEB
Emitt er Base
Capacitance
IC =0
VEB = -2V
f = 1MHz
30
pF
td
Delay Time
IC =-150 mA
IB1 = -15 mA
10
ns
tr
Rise Time
40
ns
ton
Switching On Time
45
ns
ts
St orage Time
IC =-150 mA
IB1 =-IB2 = -15mA
80
ns
tf
Fall T ime
30
ns
toff
Switching Of f Time
100
ns
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2%
SO2907/SO2907A
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com