Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32808 Datasheet(PDF) 33 Page - Wiha Tools

Part # 32808
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32808 Datasheet(HTML) 33 Page - Wiha Tools

Back Button 32808 Datasheet HTML 29Page - Wiha Tools 32808 Datasheet HTML 30Page - Wiha Tools 32808 Datasheet HTML 31Page - Wiha Tools 32808 Datasheet HTML 32Page - Wiha Tools 32808 Datasheet HTML 33Page - Wiha Tools 32808 Datasheet HTML 34Page - Wiha Tools 32808 Datasheet HTML 35Page - Wiha Tools 32808 Datasheet HTML 36Page - Wiha Tools 32808 Datasheet HTML 37Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
33
8 Piece Pliers & Cutters Set
Insulation According to VDE 0682/part 201, EN/IEC 60900, ASTM
F-1505-01, NFPA70E & CSA,
up to 1000 volt. Individually Tested.
Item#
Set Includes:
lbs. 4.63
6.3” Long Nose Pliers
8.0” Long Nose Pliers
6.3” Lineman’s Pliers
6.3” Diagonal Cutters
9.0” Lineman’s Pliers
8.0” High Lev. Cutters
6.3” Wire Stripping Pliers
Electrician’s Knife
• Pliers drop-forged
from special tool steel,
individually high
frequency induction
hardened, chrome
and nickel plated,
mirror-polished.
1000Volt
Wiha Insulated Pliers with High Visibility Comfort Grip Handle
10 Piece Pliers & Screwdriver Set In Canvas Pouch
Item#
Set Includes:
lbs. 4.06
6.3” Diagonal Cutters
9.0” Combo Pliers
6.3” Long Nose Pliers
6.3” Wire Strippers
7.0” Crimping Pliers
Insulated Slotted 4.5mm
Insulated Phillips #1
Insulated Slotted 6.0mm
Insulated Phillips #2
Insulated Square: #2
WARNING!
Insulated Tools are intended to provide protection against accidental
contact with charged energized circuits. For maximum safety we
recommend de-energizing all circuits whenever possible before starting
work on electrical apparatus or conductors. Always visually inspect
insulation on tools before use, do not use tools if insulation shows signs
of wear or damage to the insulated areas of the tool. Wear appropriate
eye protection when using hand tools. Use NFPA70E certified insulated
protective outer wear when appropriate.
Use & Care Guide For Insulated Tools:
Store tools to minimize risk of damage to insulation, always wear
approved eye protection, Inspect insulation prior to each use of any
insulated tool. Use insulated tools where the ambient temperature
is between -20 to +70O C. Have a qualified safety technician visually
inspect insulation on tools annually for safe use.
10 Piece Pliers & Screwdriver Set In Canvas Pouch
Item#
Set Includes:
lbs. 4.24
7.0” Diagonal Cutters
9.0” Combo Pliers
8.0” Long Nose Pliers
6.3” Wire Strippers
7.0” Crimping Pliers
Insulated Slotted 3.0mm
Insulated Phillips #1
Insulated Slotted 4.5mm
Insulated Phillips #2
Insulated Slotted 6.0mm
14 Piece Pliers/Cutters & Screwdrivers Set
Insulation According to VDE 0682/part 201, EN/IEC 60900, ASTM
F-1505-01, NFPA70E & CSA,
up to 1000 volt. Individually Tested.
Item#
Set Includes:
lbs. 6.52
9.0” Lineman’s Pliers
8.0” High Leverage Cutters
8.0” Cable Cutters
8.0” Long Nose Pliers
6.0” Stripping Pliers 10-20 AWG
SlimLine Slotted 3.0mm
SlimLine Phillips #1
SlimLine Slotted 4.5mm
SlimLine Phillips #2
SlimLine Slotted 6.5mm
SlimLine Terminal #2
SlimLine Square #1
Single Pole Tester
SlimLine Square #2
1000Volt
1000Volt
1000Volt
32889
32889
32867
32867
32868
32868
32869
32869
www.wihatools.com
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com