Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32808 Datasheet(PDF) 39 Page - Wiha Tools

Part # 32808
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32808 Datasheet(HTML) 39 Page - Wiha Tools

Back Button 32808 Datasheet HTML 35Page - Wiha Tools 32808 Datasheet HTML 36Page - Wiha Tools 32808 Datasheet HTML 37Page - Wiha Tools 32808 Datasheet HTML 38Page - Wiha Tools 32808 Datasheet HTML 39Page - Wiha Tools 32808 Datasheet HTML 40Page - Wiha Tools 32808 Datasheet HTML 41Page - Wiha Tools 32808 Datasheet HTML 42Page - Wiha Tools 32808 Datasheet HTML 43Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
39
1000volt
Insulated Combo Pliers With Dynamic Joint
1000volt
Insulated Heavy Duty Cable Cutters
1000volt
Insulated Crimpers
Item
No.
mm
Inch
Pkg.
wt.
200
8.0
#4
1
.92
Insulated Industrial High Leverage Combination Pliers.
Insulation According to EN/IEC 60900, ASTM F-1505-01, NFPA70E &
CSA,
up to 1000 volt. Individually Tested. DIN ISO 5746
Extra long cutting edge for flat and round cables. Serrated jaws.
Cutting edges additionally induction hardened to approx. 60HRC.
Use for gripping, pulling & holding as well as cutting wires and cables
ranging in hardness from soft to extremely hard. Industrial brushed
finish. Two component soft grip ergonomic handles.
Cutting Capacity
Copper AWG
Item
No.
mm
Inch
Ø
mm2
Pkg.
lbs.
200
8.0
20
60
1
.78
Insulated Industrial Serrated Edge Cable Cutters.
Insulation According to VDE 0682/part 201, EN/IEC 60900, ASTM
F-1505-01, NFPA70E and CSA,
up to 1000 Volt. Individually Tested.
Light, clean cutting ground precision cutting edges. Durable cutting is
achieved through additional inductive hardening to approx. 60 HRC.
Premium CV tool steel forgings. For cutting of copper & aluminum cables
without crushing. Two component ergo cushion grips for best user comfort.
Item
No.
mm
Inch
mm2
AWG
Pkg.
wt.
180
7.0
0.25-2.5
6-30
1
.64
Insulated Industrial Crimping Pliers. Insulation
According to VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01,
NFPA70E and CSA,
up to 1000 Volt. Individually Tested.
Semi-circular profiles for secure connection between end sleeve and
conductor. Long life is achieved through additional induction hardening
to 60 HRC. Industrial brushed finish. Two component ergo cushion
grips for best user comfort. Crimps 6 - 30 AWG Connectors.
Long life high
performance
dynamic 60/40 joint
1000volt
Insulated Water Pump Pliers
Item
No.
mm
Inch
Pkg.
wt.
250
10.0
1 3/4
2
1
.90
Insulated Industrial Water Pump Pliers. Insulation
According to VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01,
NFPA70E and CSA,
up to 1000 Volt. Individually Tested.
10 opening settings provides optimal adjustment to objects being
gripped. Long life achieved through additional induction hardening of
jaws to approx. 62HRC. Chrome-vanadium tool steel forgings,
hardened and tempered. Black finish.
1000volt
Insulated Push Button Water Pump Pliers
Item
No.
mm
Inch
Pkg.
wt.
250
10.0
1 3/4
2”
1
.90
Insulated Industrial Push Button Water Pump Pliers.
Insulation According to VDE 0682/part 201, EN/IEC 60900, ASTM
F-1505-01, NFPA70E and CSA,
up to 1000 Volt. Individually
Tested. Extra narrow head for working in small spaces. Rapid and
simple push button setting & locking. Long life achieved through
additional induction hardening of jaws to approx. 62HRC. Finger jam
protection for safe operation at all settings. CVM tool steel forgings,
hardened & tempered.
Capacities
Round
Hex
Capacities
Round
Hex
32930
32930
32927
32927
32945
32945
32954
32954
32956
32956
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com