Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32804 Datasheet(PDF) 41 Page - Wiha Tools

Part # 32804
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32804 Datasheet(HTML) 41 Page - Wiha Tools

Back Button 32804 Datasheet HTML 36Page - Wiha Tools 32804 Datasheet HTML 37Page - Wiha Tools 32804 Datasheet HTML 38Page - Wiha Tools 32804 Datasheet HTML 39Page - Wiha Tools 32804 Datasheet HTML 40Page - Wiha Tools 32804 Datasheet HTML 41Page - Wiha Tools 32804 Datasheet HTML 42Page - Wiha Tools 32804 Datasheet HTML 43Page - Wiha Tools 32804 Datasheet HTML 44Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
41
Wiha Insulated Industrial Tool Sets
11 Pc. Pliers & Screwdriver Set. Insulation According to
VDE 0682/part 201, DIN EN 60900, EN/IEC 60900, ASTM F-1505-01,
NFPA70E,
up to 1000 volt. Individually Tested. In Roll Out Pouch
Item#
Set Includes:
lbs. 3.62
6.3” Long Nose Pliers
6.3” Diagonal Cutters
8.0” Combination Pliers
6.3” Stripping Pliers
Insulated Slotted: 3.0, 4.5, 5.5mm
Insulated Phillips: #1, #2
Insulated Square: #1, #2
1000Volt
In Roll
Out
Pouch
8 Pc. Pliers & Cutters Set. Insulation According to
VDE 0682/part 201, DIN EN 60900, EN/IEC 60900, ASTM F-1505-01,
NFPA70E,
up to 1000 volt. Individually Tested. In Roll Out Pouch
Item#
Set Includes:
lbs. 5.52
6.3” Long Nose Pliers
6.3” Diagonal Cutters
8.0” Long Nose Pliers
8.0” H.D. Diagonal Cutters
9.0” Lineman’s w/Cutters
6.3” Stripping Pliers
8.0” Cable Cutters
7.0” Crimpers
1000Volt
22 Pc. Pliers & Cutters Set. Insulation According to
VDE 0682/part 201, DIN EN 60900, EN/IEC 60900, ASTM F-1505-01,
NFPA70E,
up to 1000 volt. Individually Tested. In Roll Out Pouches
Item#
Set Includes:
lbs. 5.74
8.0” Long Nose Pliers
6.3” Diagonal Cutters
9.0” Lineman’s w/Cutters
8.0” H.D. Diagonal Cutters
8.0” Cable Cutters
6.3” Stripping Pliers
7.0” Crimping Pliers
15 Pc. SlimLine Blade Set includes: Insulated SlimLine Blade Holder
Slotted: 3.0, 4.0, 5.5, 6.5
Phillips: #1, #2
Xeno: #1, #2
: T8, T10, T15, T20
Square: #1, #2
1000Volt
In Roll
Out
Pouch
In Roll
Out
Pouches
11 Pc. Pliers & Driver Set. Insulation According to VDE
0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E & CSA,
up to 1000 volt. Individually Tested. In canvas tool bag
Item#
Set Includes:
lbs. 6.30
8.0” Linemans Pliers
6.3” Long Nose Pliers W/Cutter
8.0” Long Nose Pliers W/Cutter
6.3” Diagonal Cutter
8.0” High Leverage Cutter
Insulated Phillips #0
Insulated Slotted 3.0mm(1/8”)
Insulated Phillips #1
Insulated Slotted 4.5mm(3/16”)
Insulated Phillips #2
Insulated Slotted 6.5mm(1/4”)
1000Volt
WARNING!
Insulated Tools are intended to provide protection against accidental
contact with charged energized circuits. For maximum safety we
recommend de-energizing all circuits whenever possible before starting
work on electrical apparatus or conductors. Always visually inspect
insulation on tools before use, do not use tools if insulation shows signs
of wear or damage to the insulated areas of the tool. Wear appropriate
eye protection when using hand tools. Use NFPA70E certified insulated
protective outer wear when appropriate.
1000Volt
22 Pc. Pliers & Driver Set. Insulation According to VDE
0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E & CSA,
up to 1000 volt. Individually Tested. In molded tool box
Item#
Set Includes:
lbs. 8.70
9.0” Linemans Pliers W/Cutters
8.0” Long Nose Pliers W/Cutter
8.0” Diagonal Cutters
50mm Cable Stripping Knife
Insulated Slim Phillips #1
Insulated Slim Slotted 3.5mm(9/64”)
Insulated Slim Phillips #2
Insulated Slim Slotted 4.5mm(3/16”)
Insulated Slim Xeno #1
Insulated Slim Square #1
Insulated Slim Xeno #2
Insulated Slim Square #2
Insulated T-handle Hex Inch: 5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
Insulated Inch Nut Drivers: 3/8, 7/16, 1/4, 5/16”
Now in
canvas
tool bag
32986
32986
32987
32987
32988
32988
32390
32390
32973
32973
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com