Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32804 Datasheet(PDF) 8 Page - Wiha Tools

Part # 32804
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32804 Datasheet(HTML) 8 Page - Wiha Tools

Back Button 32804 Datasheet HTML 4Page - Wiha Tools 32804 Datasheet HTML 5Page - Wiha Tools 32804 Datasheet HTML 6Page - Wiha Tools 32804 Datasheet HTML 7Page - Wiha Tools 32804 Datasheet HTML 8Page - Wiha Tools 32804 Datasheet HTML 9Page - Wiha Tools 32804 Datasheet HTML 10Page - Wiha Tools 32804 Datasheet HTML 11Page - Wiha Tools 32804 Datasheet HTML 12Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8
Insulated Electrician’s Cable Stripping Knife, With
Insulated Handle, Insulation According To VDE Specification,
Up To 1000 Volt. Individually Tested.
Blade tool steel, hardened, molded directly on. Cover included.
Item
Blade OAL
OAL
No.
mm
mm
Inch
lbs.
pkg.
50
216
8.5
.30
1
1000Volt
Insulated Electrician’s Cable Stripping Knife, With
Insulated Handle, Insulation According To VDE Specification,
Up To 1000 Volt. Individually Tested. Straight, partly insulated,
strong blade. Insulation molded directly on. Cover included.
Item
Blade OAL
OAL
No.
mm
mm
Inch
lbs.
pkg.
50
230
9.0
.23
1
1000Volt
Insulated Stripping Knife, With Insulated Handle
Insulation According To VDE Specification, Up To 1000 Volt.
Individually Tested. Blade tool steel, hardened. Insulation molded
directly on. Hooked cutting edge, half-round ground. Cover included.
Item
Blade OAL
OAL
No.
mm
mm
Inch
lbs.
pkg.
35
222
8.75
.22
1
1000Volt
Wiha Insulated Electrician’s Knives
Insulation Test Standards:
Insulation according to
ASTM, EN/IEC, VDE
& CSA Specification
Individually tested
Each tool individually tested to 10,000 volts &
rated to 1000 Volt ac or 1500 Volt dc
1000V
Insulation
molded on for
permanent bonding
Insulated 8” Adjustable Wrench
Insulation According to ASTM, EN/IEC, NFPA, CSA and ISO
Specification, up to 1000 Volt. Individually Tested. Etched on scale
for pre-setting size. Slip guard handle for added protection.
Item
OAL
OAL
Capacity
No.
Inch
mm
Opening
lbs.
pkg.
8.0
200
1”
.7
1
1000Volt
Insulated 10” Adjustable Wrench
Insulation According to ASTM, EN/IEC, NFPA, CSA and ISO
Specification, up to 1000 Volt. Individually Tested. Etched on scale
for pre-setting size. Slip guard handle for added protection.
Item
OAL
OAL
Capacity
No.
Inch
mm
Opening
lbs.
pkg.
10.0
250
1-1/4”
1.4
1
1000Volt
Insulated 12” Adjustable Wrench
Insulation According to ASTM, EN/IEC, NFPA, CSA and ISO
Specification, up to 1000 Volt. Individually Tested. Etched on scale
for pre-setting size. Slip guard handle for added protection.
Item
OAL
OAL
Capacity
No.
Inch
mm
Opening
lbs.
pkg.
12.0
300
1-1/2”
1.9
1
1000Volt
Insulated 15” Adjustable Wrench
Insulation According to ASTM, EN/IEC, NFPA, CSA and ISO
Specification, up to 1000 Volt. Individually Tested. Etched on scale
for pre-setting size. Slip guard handle for added protection.
Item
OAL
OAL
Capacity
No.
Inch
mm
Opening
lbs.
pkg.
15.0
380
1-11/16”
2.8
1
1000Volt
1000Volt
Wiha Insulated Adjustable Wrenches
3 Pc. Insulated Adjustable Wrenches Etched on scale for
pre-setting size. Slip guard handle for added protection.
Item No.
Set includes the following:
lbs. 4.0
8.0”, 10.0”, 12.0” Adjustable Pliers
15000
15000
15003
15003
15050
15050
76208
76208
76210
76210
76212
76212
76215
76215
76290
76290
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com