Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3301 Datasheet(PDF) 3 Page - E-SWITCH

Part # RT3301
Description  RT3301 Series Tact Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

RT3301 Datasheet(HTML) 3 Page - E-SWITCH

  RT3301 Datasheet HTML 1Page - E-SWITCH RT3301 Datasheet HTML 2Page - E-SWITCH RT3301 Datasheet HTML 3Page - E-SWITCH RT3301 Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.e-switch.com
800.867.2717
3
RT3301 Series Tact Switch
Body Dimensions
Tape and Reel
SHEET OF
2
2
3/8/2023
OBJECT ID: RT3301 Catalog Drawing Tape and Reel
LABEL
REEL
330.00
[
12.992 in]
DRAWING DIRECTION
100.00
[
3.937 in]
.35
[.014 in]
5.70
[.224 in]
16.00
[.630 in]
1.50
[
.059 in]
4.00
[.157 in]
2.00
[.079 in]
1.75
[.069 in]
7.50
[.295 in]
12.00
[.472 in]
6.3
[.25 in]
10.3
[.41 in]
13.3
[.5 in]
(
)
COVER TAPE
13.00
[
.512 in]
2.00
[.079 in]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com