Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3301 Datasheet(PDF) 1 Page - E-SWITCH

Part # RT3301
Description  RT3301 Series Tact Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

RT3301 Datasheet(HTML) 1 Page - E-SWITCH

  RT3301 Datasheet HTML 1Page - E-SWITCH RT3301 Datasheet HTML 2Page - E-SWITCH RT3301 Datasheet HTML 3Page - E-SWITCH RT3301 Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.e-switch.com
800.867.2717
1
RoHS
Specifications
Part Number Configurator
RT3301 Series Tact Switch
Features & Benefits
Applications / Markets
Specifications subject to change without notice 3.20.2023
Computer Peripherals
Audio / Visual
Electrical Rating: 50mA, 12VDC
Contact Resistance: 100mΩ Max. (Initial)
Insulation Resistance: 100MΩ Min. at 100VDC
Dielectric Strength: 250VAC for 1 Minute
Life Cycles: 100,000 cycles
Operating Temperature: -40°C to 85°C
Travel: 0.25mm +0.2mm / - 0.1mm
Contact Material: Silver
Operating Force: 260gf
Function: SPST, Off-(On)
Packaging: Tape and Reel, 1,000 pcs/reel
• Surface mount design
• Gullwing termination
• 6.00 x 6.00mm size
• Up to 100,000 cycle life expectancy
• Tape and Reel packaging
F260 - 260 gf - Dark Grey
Actuation
Force
Contact
Plating
Q - Silver
RT3301
Series
Actuator
Height
A - 5.3mm
Instrumentation
Telecommunication
Consumer Electronics
Medical Equipment


Similar Part No. - RT3301

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RT334005 TEC-RT334005 Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
logo
Tyco Electronics
RT334005F MACOM-RT334005F Datasheet
77Kb / 2P
16 Amp PC Board Miniature Relay
logo
TE Connectivity Ltd
RT334005R TEC-RT334005R Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
RT334005WG TEC-RT334005WG Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
RT334006 TEC-RT334006 Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
More results

Similar Description - RT3301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS6601H ETC1-TS6601H Datasheet
261Kb / 7P
Tact Switch Series (6x6mm)
logo
Adam Technologies, Inc.
SW-A11365 ADAM-TECH-SW-A11365 Datasheet
71Kb / 1P
TACT SWITCH
logo
Suntan Capacitors
TSS-RP-0102 SUNTAN-TSS-RP-0102 Datasheet
186Kb / 1P
TACT SWITCH
TSS-RP-0302 SUNTAN-TSS-RP-0302 Datasheet
151Kb / 1P
TACT SWITCH
logo
E-SWITCH
TL1016 E-SWITCH-TL1016 Datasheet
1Mb / 7P
TL1016 Series Tact Switch
5.4.2022
TL6400 E-SWITCH-TL6400 Datasheet
1Mb / 4P
TL6400 Series Tact Switch
4.15.2022
logo
List of Unclassifed Man...
IT-1102WA8-160G-G ETC-IT-1102WA8-160G-G Datasheet
1Mb / 7P
Tact Switch
logo
E-SWITCH
TL6800 E-SWITCH-TL6800 Datasheet
1Mb / 4P
Tact Switch
TL3275 E-SWITCH-TL3275 Datasheet
1Mb / 4P
TL3275 Series Tact Switch
TL1017 E-SWITCH-TL1017 Datasheet
1Mb / 7P
TL1017 Series Tact Switch
3.15.2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com