Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFPSWC Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AFPSWC
Description  For Electric Power Monitoring
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFPSWC Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AFPSWC Datasheet HTML 1Page - Panasonic Semiconductor AFPSWC Datasheet HTML 2Page - Panasonic Semiconductor AFPSWC Datasheet HTML 3Page - Panasonic Semiconductor AFPSWC Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
For Electric Power Monitoring
Item
Specification
Electrical power
0.5%
Active electric power Compliant Class 0.5S (IEC 62053-22) *1
Reactive electric power Compliant Class 2 (IEC 62053-23)
Current
0.2% *2
* Single-phase three-wire system 2 (N) phase current, three-phase
three-wire system 2 (S) phase current, 0.5%
Voltage
0.2%
* Single-phase three-wire system 2 (N) phase voltage,
three-phase three-wire system between 3-1 voltage,
three-phase four-wire system line voltage is 0.5%
* The tolerances of CT sensor and VT (instrument voltage transformer) are not included.
* 1 IEC62053 is the international standard for electrical power measuring devices.
* 2 Current less than 5% of rated value may be outside of accuracy assurance range
according to CT setting (maximum tolerance: 0.5%).
*1 Only CH1 of main unit is available.
Only current transformer input is available for CH2 of main unit and expansion unit.
*2 Only
AKW264100A
* Windows is the trademark of Microsoft Corporation in USA and other companies.
Google Chrome and Android are the trademarks of Google Inc.
Firefox is the trademark of Mozilla Foundation in USA and the other companies.
Safari and OS X are the trademark or the registered trademark of Apple Inc. of USA.
iOS is the trademark or the registered trademark of Cisco in USA ans the other companies.
*1 Use OS and browser with the latest version.
*2 System Web is not supported.
* The data display range is the numerical value range which can be displayed by the main unit's display
section and is not the allowable measurement range.
* If the voltage to be measured is not the rated (commercial) frequency, it may take time for THD (total
harmonic distortion) to stabilize.
* Please use this demand function as your standard.
The demand value calculated with this function is not guaranteed.
*1 Only
AKW264100A
Item
Data display range
Instantaneous power
Active
−999.99GW to 0.000kW to 999.99GW
Reactive
Apparent
Integral power (import)
Active
0.000kWh to 9999.9PWh
Reactive
Apparent
Integral power for each
time zone (4 zone ) (import)
Active
0.000kWh ~ 9999.9PWh
Reactive
Apparent
Integral power (export)
Active
0.000kWh to 9999.9PWh
Reactive
Integral power for each
time zone (4 zone) (export)
Active
0.000kWh ~ 9999.9PWh
Reactive
Current
0.000 to 99.999kA
N-phase when 3P4W
Voltage (Phase and Line voltage)
0.00 to 999.99kV
Power factor
−1.000 to 0.000 to 1.000
Frequency
0.00Hz to 99.99Hz
Pulse count value
0.000 to 99999999
Power conversion value
0.000kWh to 9999.9PWh
Unbalanced current
Each phase
0.00% to 300.00%
Unbalanced voltage
Each phase
0.00% to 300.00%
Current THD (total harmonic distortion)
Each phase
0.00% to 400.00%
Voltage THD (total harmonic distortion)
Each phase
0.00% to 400.00%
Current harmonics (2nd to 31st)
Each phase
0.00% to 400.00%
Voltage harmonics (2nd to 31st)
Phase
0.00% to 400.00%
Line
0.00% to 400.00%
Hour-meter measurement
ON
0.0h to 99999.9h
OFF
0.0h to 99999.9h
Standby
0.0h to 99999.9h
Maintenance
0.0h to 99999.9h
Active
Reactive
Present demand
(Present value (inst. value) / Maximum demand)
Apparent
0.000 kW to 999.9MW
Active (export)
Reactive (export)
Current
Item
Specifications
Supply voltage range
100 to 240V AC
Rated frequency
50/60Hz
Nominal power consumption
15VA(240V AC)
Inrush current
30 A or less (240 V AC at 25℃)
Allowable momentary power-off time
10ms
Ambient temperature
Operation: -10 to +50℃ 14 to 122°F
Storage: -25 to +70℃ −13 to 158°F
Ambient humidity
30 to 85% RH (at 20℃ 68°F) with non-condensing
Breakdown voltage(initial)
Between the isolated circuits: 2000 V/1 min
● Enclosure - All terminals
● Between primary and secondary insulated
circuits (Double insulation is supported)
(1) Power supply terminals – other terminals
(2) Voltage input terminal – other terminals
Insulation resistance(initial)
Between the isolated circuits: 100 MΩ or more
Vibration resistance
10 to 150 Hz (7.5 minutes/cycle)
Single amplitude: 0.75 mm 0.030 in (1 h on 3 axes)
10 to 55 Hz (1 minute/cycle)
Single amplitude: 0.375 mm 0.015 in (1 h on 3 axes)
Shock resistance
Min. 294 m/s2 (5 times on 3 axes)
Display method
Black-and-white LCD with backlight (graphic form)
Display updating time cycle
500, 1000, 2000, 3000 ms (set with setting mode)
Power failure memory method
Internal memory
Sea level altitude
Under 2,000 m 6,562 ft
Overvoltage category
Ⅲ
Pollution degree
2
Dimensions W/H/D
Main unit: 85×140×65 mm 3.346×5.512×2.559 in
Expansion unit: 85×70×65 mm 3.346×2.756×2.559 in
Weight
Approx. 450 g (Main unit)
Approx. 200 g (Expansion unit)
Calendar timer
*1
Range
January 1, 2015 00:00:00 to December 31, 2099 23:59:59
(leap year supported)
Time accuracy
Monthly accuracy max. 15 sec. (at 25°C)
Back up period
About 1 month
(by secondary battery *When power off after 48-hour or
more of power on time, at 23°C)
Measurement items
Accuracy
General specifications
■ Specifications
Main unit memory specifications (for
AKW264100A)
Web server specifications
Demand monitoring and specifications
Demand type
・IEC61557-12 Compliant demand
1. Sliding block interval demand
2. Fixed block interval demand
3. Current demand
Demand monitor input type
Current transformer input
Pulse input *1 (set with setting mode)
Demand time span
1 to 60 min. (set with setting mode)
Demand measurement item
Present demand
Demand data update cycle
1 min.
Display
Present demand (Active / Reactive / Apparent
/ Active (export) / Reactive (export) / Current)
Saved data
Max.demand, Monthly max. demand
(Latest 13 months)*2
Simultaneous access number
6 sessions
Web browser *1
Windows
Google Chrome
Mozilla Firefox
iOS *2
Safari
Google Chrome
Android *2 Google Chrome
5-min.
instantaneous
value
Save cycle
5 minutes
Saved data
R-current, S-current,T-current, N-current, Average of current
R-voltage (L1-N), S-voltage (L2-N), T-voltage (L3-N),
Average of phase-voltage,
RS-voltage (L1-L2), ST-voltage (L2-L3), TR-voltage (L3-L1)
Average of line-voltage
Pulse count value
Write timing
Every hour xx:05:05 (fixed)
Saved data
amount
96 records for 1 file (for one-day) (Max. 60 days)
15-min.
instantaneous
value
Save cycle
15 minutes
Saved data
All items excluding for harmonics and conversion
value for integral active power
Write timing
Every hour xx:15:05 (fixed)
Saved data
amount
2976 records for 1 file (for one-month) (Max. 24
months)
Demand
Save cycle
1 minute
Saved data
Present demand
(active power, reactive power, apparent power,
active power(export), reactive power(export))
Pulse conversion value for integral power,
Present current demand (1), (2), (3)
Write timing
Every hour xx:25:05 (fixed)
Saved data
amount
1000 records for 1 file (Max. 100 files)
Power quality
Saved data
Power interruption, Over voltage, Under voltage, Over
current, Under current
(with time stamp of event occurrence and occurrence period)
Write timing
Every hour xx:35:05 (fixed)
Saved data
amount
1000 records for 1 file (Max. 100 files)
Use safely and correctly after carefully reading the product specification manual, user manual, and operational instruction manual.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com