Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFPSWC Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AFPSWC
Description  For Electric Power Monitoring
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFPSWC Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AFPSWC Datasheet HTML 1Page - Panasonic Semiconductor AFPSWC Datasheet HTML 2Page - Panasonic Semiconductor AFPSWC Datasheet HTML 3Page - Panasonic Semiconductor AFPSWC Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
For Electric Power Monitoring
*1 Only
AKW264100A
*2 Varistor is mounted internal as a protection element.
Install a protective device in case of using at the place where it effects by surge.
Output specifications (for
AKW263100A and AKW264100A)
Input specifications (for
AKW263100A and AKW264100A)
Item
Specifications
Output points
Two channels * Non-insulated between channels
Insulation method
PhotoMOS relay
Output type
1a
Output capacity
100 mA, 30 V AC/DC
Output mode
・Pulse by integral power
・Output by alarm or events (set with setting mode)
Pulse Output by
integral power
Pulse width
1 ms to 100 ms (set with setting mode)
Pulse output unit 0.001 kWh / 0.01 kWh / 0.1 kWh / 1 kWh /
10 kWh / 100 kWh
Alarm output
Event output
Type
Stand-by alarm/ Under voltage alarm/ Over voltage alarm/
Power interruption alarm/ Under current alarm/
Over current alarm/ Active power alarm/ Reactive power alarm/
Apparent power alarm/ PF alarm/ Over frequency alarm/
Under frequency alarm/ Voltage harmonics alarm/
Current harmonics alarm/ Voltage THD alarm/
Current THD alarm/ Unbalanced voltage alarm/
Unbalanced current alarm/Power demand alarm/
Current demand alarm/ Counter output/
Level output (external control) / Time control *1
Alarm reset
Self-reset (according to the setting) / Manual-reset
Protection element
Varistor *2
Alarm output
<OUT1>
<OUT2>
Display
Lighting alarm mark
Output signal
・Normal: OFF・Alarm: ON
Output capacity 100 mA, 30 V AC/DC
Item
Specifications
Input points
1 channel
Insulation method
Input dedicated insulation (insulated with other function terminals)
Input method
Connection point / non-voltage a contact or open
collector (operated by internal power source)
Input signal
Non-voltage
input
・Impedance during short-circuit: 1 kΩ or less
(short- circuit current, approx. 1 0 m A o r less)
・Residual voltage during short-circuit: 3 V or less
・Impedance while open: 100 kΩ or more
Input mode
Pulse input
Synchronized with input from outer device *1
Measure maintenance time *1
Maximum counting speed
2000 Hz / 30 Hz
Minimum input signal width
0.25 ms (2000 Hz selected) / 16.7 ms (30 Hz selected)
ON : OFF ratio=1:1
Pre-scale setting
Decimal point
Up to three decimal points can be selected
Range
0.001 to 100.000 (set with setting mode)
Output mode (during pulse output selection) HOLD
Protection element
Zener diode
Pulse
input
Pulse input
1,000 to 99,000 pulse/kWh Arbitrary setting
(External pulse converter required)
Pulse rate
0.001 to 100.000 kWh/pulse
Pulse
input
condition
2000Hz Pulse width
Pulse interval
0.25 ms or more
0.5 ms or more (OFF time 0.25 ms or more)
30Hz
Pulse width
Pulse interval
16.7 ms or more
33.4 ms or more (OFF time 16.7 ms or more)
Operation voltage / current 5 V DC 10 mA
■ Specifications
*1 For RS485 converter on the computer side, we recommend SI-35 and SI-35USB (from LINE EYE Co.,Ltd.). When using
SI-35, SI-35USB or PLC from our company (which can be connected up to 99 units), up to 99 can be connected. In case
using this system with the other devices, up to 31 can be connected.
*2 Please check with the actual devices when some commercial devices with RS485 interface are connected. The number of
connected devices, transmission distance, and transmission speed may be different according to using transmission line.
*Ethernet is the trademark of Xerox of USA.
*This product has the software developed by OpenSSL Project in order to use
OpenSSL Toolkit. (http://www.openssl.org/)
*1 It changes the transmission speed automatically with auto-negotiation function.
*2 Control Web Creator is necessary to customize the webpage.
*3 Only
AKW264100A
Interface
Conforming to RS485
Communication method
Half-duplex
Synchronous system
Synchronous communication method
Isolation status
Isolated with the internal circuits
Protocol
MEWTOCOL, MODBUS (RTU)
(select with setting mode)
Number of connected unit
99 units (max.) *1
Transmission distance
1,200 m 3,937 ft *2
Transmission speed
115200, 57600, 38400, 19200, 9600, 4800, 2400 bps
(select with setting mode)
Transmission
format
Data length
8bit (fixed)
Parity
Not available / Odd number / Even number (select with setting mode)
Stop bit
1bit, 2bit (select with setting mode)
Number of communication ports
2
Interface
IEEE802.3u, 100BASE-TX / 10BASE-T
Connector type
RJ45
Transmission
specifications
Transmission speed 100 Mbps / 10 Mbps
Transmission method Base band
Max. segment length 100m 328ft
Communication cable
UTP (category 5)
Protocol (DNS, DHCP)
TCP/IP, UDP/IP
Web server
Setting, Monitoring measured values,
Web customization *2*3
Function
Auto-negotiation function *1
MDI/MDI-X auto-crossover function
Dedicated communication
MEWTOCOL, MODBUS(TCP) (2 session for each)
〈RS485〉
〈Ethernet〉
Communication specifications (for
AKW263100A and AKW264100A)
■ Dimensions (unit: mm in)
Use safely and correctly after carefully reading the product specification manual, user manual, and operational instruction manual.
Tolerance ± 1.0 ± 0.04
*1 Only
AKW264100A
AKW263100A / AKW264100A
Main unit
AKW272100A
Expansion unit
140 5.512
48.8 1.921
65 2.559
DIN hook
Use these hooks when
connecting an expansion unit.
Terminal cover
Terminal cover
Hook: 2 points
Use these hooks when
connecting an expansion unit.
Connector label
Remove when
connecting an expansion unit.
DIN rail (sold separately)
(67.2) (with DIN rail)
(2.646)
70 2.756
DIN hook
Use these hooks
when connecting
an expansion unit.
Terminal cover
Terminal cover
48.8 1.921
65 2.559
Hook: 2 points
Use these hooks when
connecting an expansion unit.
Connector label
Remove when
connecting an expansion unit.
DIN rail (sold separately)
(67.2) (with DIN rail)
(2.646)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com