Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFPSWCKEY Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AFPSWCKEY
Description  For Electric Power Monitoring
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFPSWCKEY Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AFPSWCKEY Datasheet HTML 1Page - Panasonic Semiconductor AFPSWCKEY Datasheet HTML 2Page - Panasonic Semiconductor AFPSWCKEY Datasheet HTML 3Page - Panasonic Semiconductor AFPSWCKEY Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
For Electric Power Monitoring
Abundant Web component library
■ Same style of operation as the program display image creation tool
■ Components can be arranged by dragging and dropping.
■ Detailed component settings are easy using properties.
* Key unit (sold separately) is required to use
Control Web Creator.
■ Components don’t lose quality when enlarged
or reduced, and you can color them as desired.
■ Images can be pasted in.
[ Control Web Creator ]
This is a graphics creation tool that allows you to easily design Web content that is published by the KW2M-X. You
can creatively design content by arranging Web components such as switches, lamps and meters on the screen and
then setting the properties. Your content will be linked toinformation in the KW2M-X without any knowledge of HTML.
You, too, are a Web content creator
Menu bar
Tool bar
Creation
area
Web component property settings
※KW2M-X (AKW264100A) only
Product name
Phase and wire system Operating power supply Input measured voltage Applicable current sensor *1
Model No.
KW2M-A/KW2M-X
Eco-POWER METER
Main unit
KW2M-A(standard type) Single-phase two-wire system
Single-phase three-wire system
Three-phase three-wire system
Three-phase four-wire system
100 to 240 V AC
50/60 Hz
0 to 690V AC
* When UL standard is
supported
0 to 300V AC
CT with secondary side
output 1A or 5A
AKW263100A
KW2M-X(memory type)
AKW264100A
Expansion unit
AKW272100A
■ Type
● Equipped with two Ethernet communication ports,
so devices can be daisy chained without adding a HUB.
● Connectable to both KW Watcher and Central monitoring system / SCADA at the same time.
■ Web server functionality
■ Web Creator (KW2M-X)
Web server functionality allows operational settings of the device and upgrading the version of the main unit's firmware
without conventional dedicated software tools. Also real-time monitoring is possible with
KW2M-X.
By uploading screens (content) that are setup as desired by the user with Control Web Creator to
KW2M-X, the information in the KW2M-X internal Web server
can be monitored on a browser.
■ Power quality measurements (THD , harmonics up to the 31st order , and unbalance)
■ Hour meter function
■ IEC61010-1 CAT Ⅲ
*1 Dedicated current sensor (CT) cannot be used. Please use a general-purpose CT with a secondary side current 1A or 5A.
*1 Only for AKW264100A
*2 Key unit is required to create Web content. You do not need Key unit to view Web content on a browser.
Product name
Descriptions
No.
Control Web Creator
Windows version. Downloadable free of charge from our website. Please purchase Key unit separately.
AFPSWC
Key unit*2
License key for Control Web Creator. 1 license. For USB port.
AFPSWCKEY
* Wi-Fi is a registered trademark of Wi-Fi Alliance.
* Please provide commercially available products.
■ Web screen creation tools *1
Ethernet
PC
Tablet
Wi-Fi router
Real-time Monitoring Screen
AKW264100A
Measurement Screen



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com