Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFPSWCKEY Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AFPSWCKEY
Description  For Electric Power Monitoring
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFPSWCKEY Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AFPSWCKEY Datasheet HTML 1Page - Panasonic Semiconductor AFPSWCKEY Datasheet HTML 2Page - Panasonic Semiconductor AFPSWCKEY Datasheet HTML 3Page - Panasonic Semiconductor AFPSWCKEY Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For Electric Power Monitoring
■ Internal memory(KW2M-X)
PC
KW2M
Energy saving and electric power quality monitoring with multiple circuits.
SERIES
Eco-POWER METER
■ One unit can measure two circuits. Up to three
expansion units may be connected for the
required number of circuits.
Up to 8 circuits (three-phase four-wire), or up to 24 circuits
(single-phase two-wire)
KW2M-X
AKW264100A
Main unit
Expansion unit
AKW272100A
■ Wire-saving and space-saving
Reduced man-hours through wire-saving. Easy wiring with push-in connectors. (Ø2.6mm single-core cables)
■ Ethernet communication
● Equipped with two Ethernet communication ports,
so devices can be daisy chained without adding a HUB.
● Connectable to both KW Watcher and Central monitoring system / SCADA at the same time.
● Measured data can be saved in CSV files
and visualized by
KW Watcher.
Visualization software,
KW Watcher can be downloaded
for free from our website.
* Registry of customer information is required.
* For
KW2M-A , DLL or ELC is required
to use "
KW Watcher".
* Ethernet is a registered trademark of Fuji Xerox Co.,Ltd. and Xerox Corporation.
Ethernet
HUB
4 units in total
Expansion unit
Up to 3 units can be added
Main unit
48% (wiring)
57% (space)
Reduced
approx.
4units
62 wiring
486 mm (assuming the space between devices to be 34 mm)
Main unit + 1 expansion unit
32 wiring
210mm
Conventional model
KW2M
Power
supply
Power
supply
Measured
voltage
Measured
voltage
CT
CT
RS485
RS485
ex) 4 circuits
Central monitoring
system SCADA


Similar Part No. - AFPSWCKEY

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AFPS03510D PANASONIC-AFPS03510D Datasheet
2Mb / 24P
Programmable Controllers
AFPS03517D PANASONIC-AFPS03517D Datasheet
2Mb / 24P
Programmable Controllers
AFPS04510D PANASONIC-AFPS04510D Datasheet
2Mb / 24P
Programmable Controllers
AFPS10122 PANASONIC-AFPS10122 Datasheet
3Mb / 20P
The New Standard of Ultra-compact PLCs
2011.08
AFPS10520 PANASONIC-AFPS10520 Datasheet
3Mb / 20P
The New Standard of Ultra-compact PLCs
2011.08
More results

Similar Description - AFPSWCKEY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2205LY TI-BQ2205LY Datasheet
160Kb / 10P
POWER MONITORING AND SWITCHING CONTROLLER FOR 3.3V SRAM
logo
ON Semiconductor
NCP112 ONSEMI-NCP112 Datasheet
125Kb / 10P
Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
logo
JDS Uniphase Corporatio...
RPM2000 JDSU-RPM2000 Datasheet
196Kb / 2P
Monitoring Module for PathTrak
RPM3000 JDSU-RPM3000 Datasheet
236Kb / 2P
Monitoring Module for PathTrak Return Monitoring System
logo
Kersemi Electronic Co.,...
IRF1405 KERSEMI-IRF1405 Datasheet
3Mb / 9P
Electric Power Steering (EPS)
logo
Seiko Instruments Inc
S-1740A10-M5T1U4 SII-S-1740A10-M5T1U4 Datasheet
3Mb / 47P
POWER MONITORING OUTPUT
logo
fujitsu semiconductor
MB3793-45PF-G-BND FUJITSU-MB3793-45PF-G-BND Datasheet
143Kb / 18P
Power Voltage Monitoring IC
logo
PHOENIX CONTACT
EMD-BL-PTC PHOENIX-EMD-BL-PTC Datasheet
138Kb / 5P
Electronic monitoring relay for temperature monitoring
logo
Bel Fuse Inc.
0AKK BEL-0AKK Datasheet
499Kb / 3P
Electric Vehicle Power Fuses
Rev. 0AKK Jul2022
0AKN BEL-0AKN Datasheet
460Kb / 3P
Electric Vehicle Power Fuses
Rev. 0AKN Feb2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com