Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26C31CDBLE Datasheet(PDF) 4 Page - Texas Instruments

Part # AM26C31CDBLE
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26C31CDBLE Datasheet(HTML) 4 Page - Texas Instruments

  AM26C31CDBLE Datasheet HTML 1Page - Texas Instruments AM26C31CDBLE Datasheet HTML 2Page - Texas Instruments AM26C31CDBLE Datasheet HTML 3Page - Texas Instruments AM26C31CDBLE Datasheet HTML 4Page - Texas Instruments AM26C31CDBLE Datasheet HTML 5Page - Texas Instruments AM26C31CDBLE Datasheet HTML 6Page - Texas Instruments AM26C31CDBLE Datasheet HTML 7Page - Texas Instruments AM26C31CDBLE Datasheet HTML 8Page - Texas Instruments AM26C31CDBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
AM26C31
SLLS103M – DECEMBER 1990 – REVISED JUNE 2008................................................................................................................................................... www.ti.com
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
–0.5
7
V
VI
Input voltage range
–0.5
VCC + 0.5
V
VID
Differential input voltage range
–14
14
V
VO
Output voltage range
–0.5
7
IIK
Input or output clamp current
±20
mA
IOK
IO
Output current
±150
mA
VCC current
200
mA
GND current
–200
mA
D package
73
DB package
82
θ
JA
Package thermal impedance(3)(4)
N package
67
°C/W
NS package
64
PW package
108
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to the network ground terminal.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VID
Differential input voltage
±7
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–20
µA
IOL
Low-level output current
20
mA
AM26C31C
0
70
AM26C31I
–40
85
TA
Operating free-air temperature
°C
AM26C31Q
–40
125
AM26C31M
–55
125
4
Submit Documentation Feedback
Copyright © 1990–2008, Texas Instruments Incorporated
Product Folder Link(s): AM26C31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com