Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26C31CDBLE Datasheet(PDF) 7 Page - Texas Instruments

Part # AM26C31CDBLE
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26C31CDBLE Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM26C31CDBLE Datasheet HTML 3Page - Texas Instruments AM26C31CDBLE Datasheet HTML 4Page - Texas Instruments AM26C31CDBLE Datasheet HTML 5Page - Texas Instruments AM26C31CDBLE Datasheet HTML 6Page - Texas Instruments AM26C31CDBLE Datasheet HTML 7Page - Texas Instruments AM26C31CDBLE Datasheet HTML 8Page - Texas Instruments AM26C31CDBLE Datasheet HTML 9Page - Texas Instruments AM26C31CDBLE Datasheet HTML 10Page - Texas Instruments AM26C31CDBLE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PARAMETER MEASUREMENT INFORMATION
Input A
(see Note B)
Output Y
1.3 V
50%
tsk(p)
Output Z
tPHL
tPLH
tsk(p)
tPLH
tPHL
C3 = 40 pF
C2 = 40 pF
C1 =
40 pF
Input
See Note A
TEST CIRCUIT
RL/2
RL/2
1.5 V
500 Ω
S1
1.3 V
1.3 V
3 V
0 V
50%
50%
50%
AM26C31
www.ti.com................................................................................................................................................... SLLS103M – DECEMBER 1990 – REVISED JUNE 2008
Figure 1. Differential and Common-Mode Output Voltages
A.
C1, C2, and C3 include probe and jig capacitance.
B.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, duty cycle ≤ 50%, and
tr, tf ≤ 6 ns.
Figure 2. Propagation Delay Time and Skew Waveforms and Test Circuit
Copyright © 1990–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): AM26C31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com