Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB2000ES Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HB2000ES
Description  evaluation board
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HB2000ES Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button HB2000ES Datasheet HTML 2Page - NXP Semiconductors HB2000ES Datasheet HTML 3Page - NXP Semiconductors HB2000ES Datasheet HTML 4Page - NXP Semiconductors HB2000ES Datasheet HTML 5Page - NXP Semiconductors HB2000ES Datasheet HTML 6Page - NXP Semiconductors HB2000ES Datasheet HTML 7Page - NXP Semiconductors HB2000ES Datasheet HTML 8Page - NXP Semiconductors HB2000ES Datasheet HTML 9Page - NXP Semiconductors HB2000ES Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
NXP Semiconductors
KTFRDMHB2000ESEVMUG
FRDM-HB2000ESEVM evaluation board
KTFRDMHB2000ESEVMUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2 — 11 June 2018
6 / 34
4.3.1 Device features
This evaluation board features the following NXP product:
Table 1. Device features
Device
Description
Features
MC33HB2000
The MC33HB2000 is a monolithic H-Bridge
power IC, enhanced with SPI configurability,
and diagnostic capabilities.
• Advanced diagnostic reporting via a serial peripheral
interface (SPI): charge pump undervoltage on VPWR,
short to ground and short to VPWR for each output,
open load, temperature warning, and overtemperature
shutdown
• Thermal management: excellent thermal resistance of
< 1.0 °C/W between junction and case (exposed pad)
• Eight selectable slew rates via the SPI: 0.25 V/μs to
more than 16 V/μs for electromagnetic interference
(EMI) and thermal performance optimization
• Four selectable current limits via the SPI: 5.4 A, 7.0 A,
8.8 A, 10.7 A, covering a wide range of applications
• Can be operated without the SPI with a default slew
rate of 2.0 V/μs and a 7.0 A current limit threshold
• Highly accurate real-time current feedback through a
current mirror output signal with less than 5.0 % error
• Drives inductive loads in a full H-Bridge or Half-Bridge
configuration
• Overvoltage protection places the load in high‑side
recirculation (braking) mode with notification in
H‑Bridge mode
• Wide operating range: 5.0 V to 28 V operation
• Low RDS(on) integrated metal‑oxide‑semiconductor
field‑effect transistors (MOSFETs): Maximum of
235 mΩ (TJ = 150 °C) for each MOSFET
• Internal protection for overtemperature, undervoltage,
and short-circuit by signaling the error condition and
disabling the outputs
• I/O pins can withstand up to 36 V
4.3.2 Modes of operation
LOAD
V
PWR
V
PWR
Load
current
ON
OFF
OFF
ON
OUT1
OUT2
Forward
LOAD
V
PWR
V
PWR
Load
current
ON
OFF
ON
OFF
OUT1
OUT2
Free-wheel high
(Forward)
LOAD
V
PWR
V
PWR
Load
current
OFF
ON
ON
OFF
OUT1
OUT2
Reverse
LOAD
V
PWR
V
PWR
Load
current
OFF
ON
OFF
ON
OUT1
OUT2
Free-wheel low
(Forward)
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
Figure 2. Modes of operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com