Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB2000ES Datasheet (PDF) - NXP Semiconductors

HB2000ES Datasheet PDF - NXP Semiconductors
Part # HB2000ES
Download  HB2000ES Download
File Size   1350.18 Kbytes
Page   34 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description evaluation board

HB2000ES Datasheet (PDF)

Go To PDF Page Download Datasheet
HB2000ES Datasheet PDF - NXP Semiconductors

Part # HB2000ES
Download  HB2000ES Click to download

File Size   1350.18 Kbytes
Page   34 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description evaluation board

HB2000ES Datasheet (HTML) - NXP Semiconductors


HB2000ES Product details

Board features
The FRDM-HB2000ESEVM board evaluates the NXP part MC33HB2000, including all
functions. The board features the following:
• Built-in reverse battery protection
• Test points that allow signal probing
• Built-in voltage regulator to supply logic level circuitry
• Current feedback network for real-time load current monitoring by MCU
analog‑to‑digital converter (ADC)
• LEDs to indicate the supply status and the direction of the motor
• Low equivalent series resistance (ESR) capacitor to reduce ripple in the power supply
• Transient voltage suppressor to handle system level transients
Features
• Advanced diagnostic reporting via a serial peripheral
interface (SPI): charge pump undervoltage on VPWR,
short to ground and short to VPWR for each output,
open load, temperature warning, and overtemperature
shutdown
• Thermal management: excellent thermal resistance of
< 1.0 °C/W between junction and case (exposed pad)
• Eight selectable slew rates via the SPI: 0.25 V/μs to
more than 16 V/μs for electromagnetic interference
(EMI) and thermal performance optimization
• Four selectable current limits via the SPI: 5.4 A, 7.0 A,
8.8 A, 10.7 A, covering a wide range of applications
• Can be operated without the SPI with a default slew
rate of 2.0 V/μs and a 7.0 A current limit threshold
• Highly accurate real-time current feedback through a
current mirror output signal with less than 5.0 % error
• Drives inductive loads in a full H-Bridge or Half-Bridge
configuration
• Overvoltage protection places the load in high‑side
recirculation (braking) mode with notification in
H‑Bridge mode
• Wide operating range: 5.0 V to 28 V operation
• Low RDS(on) integrated metal‑oxide‑semiconductor
field‑effect transistors (MOSFETs): Maximum of
235 mΩ (TJ = 150 °C) for each MOSFET
• Internal protection for overtemperature, undervoltage,
and short-circuit by signaling the error condition and
disabling the outputs
• I/O pins can withstand up to 36 V




Similar Part No. - HB2000ES

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HB20A4AME STARTECH-HB20A4AME Datasheet
116Kb / 5P
4-Port USB 2.0 Hub - Metal Industrial USB-A Hub with ESD & 350W Surge Protection - Extended Operating Temp -40 to 185F - Din Rail/Wall/Desk Mountable - USB Expander Hub
More results


Similar Description - HB2000ES

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
Evaluation Board
logo
Cirrus Logic
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
Evaluation Board
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
Evaluation Board
logo
Asahi Kasei Microsystem...
AK4116-B AKM-AK4116-B Datasheet
258Kb / 19P
Evaluation Board
AK4181A AKM-AK4181A Datasheet
234Kb / 17P
Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
Evaluation Board
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com