Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFP02113C Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AFP02113C
Description  The New Standard of Ultra-compact PLCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFP02113C Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AFP02113C Datasheet HTML 1Page - Panasonic Semiconductor AFP02113C Datasheet HTML 2Page - Panasonic Semiconductor AFP02113C Datasheet HTML 3Page - Panasonic Semiconductor AFP02113C Datasheet HTML 4Page - Panasonic Semiconductor AFP02113C Datasheet HTML 5Page - Panasonic Semiconductor AFP02113C Datasheet HTML 6Page - Panasonic Semiconductor AFP02113C Datasheet HTML 7Page - Panasonic Semiconductor AFP02113C Datasheet HTML 8Page - Panasonic Semiconductor AFP02113C Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Programmable Controller
SERIES
FP0RSERIES
X0
X1
X2
X3
X4
X5
X6
X7
COM
Y0
Y1
Y2
Y3
COM
Y4
COM
Y5
COM
X0
X1
X2
X3
(NC)
(NC)
(NC)
(NC)
COM
Y0
Y1
Y2
Y3
(NC)
(NC)
(NC)
(NC)
COM
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
COM
C10RS/C10RM C14RS/C14RM E8RS/E8RM E16RS/E16RM/
E8YRS
Y0
Y1
(NC)
(NC)
COM
Y2
COM
Y3
COM
X0
X1
X2
X3
X4
X5
(NC)
(NC)
COM
X0
X1
X2
X3
X4
X5
X6
X7
COM
<Reference measuring for wiring>
● Terminal array
X 0
X 1
X 2
X 3
X 4
X 5
X 6
X 7
COM COM
Input (8 points / common)
Y 0
Y 1
Y 2
Y 3
Y 4
Y 5
Y 6
Y 7
(+)
(–)
Output (8 points / common)
SG
RD
SD
<Reference measuring for wiring>
● Terminal array
Note: Two COM terminals on the input circuit are connected
inside the unit.
● RS232C port Terminal array
E
−
+
● RS485 port Terminal array
X 0
X 1
X 2
X 3
X 4
X 5
X 6
X 7
COM COM
Input (16 points / common)
Y 0
Y 1
Y 2
Y 3
Y 4
Y 5
Y 6
Y 7
(+)
(–)
Output (16 points / common)
X 8
X 9
X A
X B
X C
X D
X E
X F
COM COM
Y 8
Y 9
YA
Y B
Y C
Y D
Y E
Y F
(+)
(–)
SG
RD
SD
<Reference measuring for wiring>
● Terminal array
● RS232C port Terminal array
E
−
+
● RS485 port Terminal array
<Reference measuring for wiring>
<Reference measuring for wiring>
<Reference measuring for wiring>
<Reference measuring for wiring>
(0.71)
2.36
(18)
60.0
(9)
(0.35)
(0.30)
(7.5)
90.0
3.54
(Note 1)
DIN standard rail
(DIN EN50022 35 mm 1.38 in width)
● Front view
60.0
(67.5)
A + B + C + D dimensions (mm in)
A
A→B
A→C A→D
30.0
1.18
2.36
(Note 2)
90.0
3.54
Input connector
Output connector
0.14
60.0
3.5
RS232C port (C32C, T32C and F32C only)
RS485 port (C32M, T32M, F32M only)
0.98
25.0
Input connector
Output connector
RS232C port (C16C only)
RS485 port (C16M only)
(Note 1)
DIN standard rail
(DIN EN50022 35 mm 1.38 in width)
(0.39)
(10)
DIN standard rail
(DIN EN50022 35 mm 1.38 in width)
(Note 1)
Input terminal block
Output terminal block
RS232C port (C10CR and C14CR only)
RS485 port (C10MR and C14MR only)
0.98
MODE
OFF ON
V 0
IN
I 0
COM
COM
OUT
V 1
I 1
V
I
1
2
3
4
5
EXPANSION
CONNECTOR
2.36
(0.39)
25.0
60.0
(10)
Notes: 1) DIN rail is attached on the center of the unit.
2) The AFP0RE8YRS is not equipped with an input terminal block.
Notes: 1) DIN rail is attached on the center of the unit.
2) The AFP0RE32T, AFP0RE32P, AFP0RE16X, AFP0RE16YT and AFP0RE16YP are
25 mm 0.98 in each.
3) The AFP0RE16X has no output connector.
4) The AFP0RE16YT and AFP0RE16YP has no input connector.
Notes: 1) Four COM terminals on the input circuit are
connected inside the unit.
2) Two (+) terminals and two (-) terminals on the output
circuit are connected respectively inside the unit.
Notes: 1) DIN rail is attached on the center of the unit.
2) The AFP0RE8X has no output connector.
3) The AFP0RE8YT and AFP0RE8YP has no input connector.
ERROR
RUN
PROG
ALARM
RUN
P ROG.
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
X8-F
XO-7
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
X8-F
XO-7
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
X8-F
XO-7
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
X8-F
XO-7
Y8-F
YO-7
Y8-F
YO-7
Y8-F
YO-7
Y8-F
YO-7
90.0
B
C
D
A
(45)
(45)
2.36
(2.66)
3.54
(1.77)
(1.77)
● Top view (with DIN rail attached)
C10RS
C10CRS
C10RM
C10CRM
C10MRS
C14RS
C14CRS
C14RM
C14CRM
C14MRS
C32T
C32CT
C32P
C32CP
T32CT
T32CP
F32CT
F32CP
C16T
C16CT
C16P
C16CP
C16MT
C16MP
C32MT
C32MP
T32MT
T32MP
F32MT
F32MP
Control unit
1 expansion
unit connected
Control unit
only
2 expansion
units connected
3 expansion
units connected
(0.18)
(4.5)
(10)
(0.39) 13.0
0.51
5.12
130.0
approx.
5.12
130.0
approx.
5.12
130.0
approx.
Input
terminal
Connection
terminal
Output
terminal
0.98
1.97
2.95
3.94
1.18
2.17
3.15
4.13
25
50
75
100
30
55
80
105
90.0
3.54
0.98
25
(0.39)
(10)
2.36
60.0
0.14
3.5
0.18
4.5
90.0
3.54
0.98
25.0
0.33
8.50
2.36
60.0
90.0
3.54
0.14
3.5
0.18
4.5
1.38
35.0
0.76
19.2
2.36
60.0
0.14
3.5
90.0
3.54
0.14
3.5
2.36
60.0
90.0
3.54
(0.71)
(18)
2.36
60.0
90.0
3.54
(0.18)
(4.5)
(0.30)
(7.5)
13.0
0.51
(10)
(0.39)
(9)
(0.35)
0.14
3.5
2.36
60.0
0.98
25.0
90.0
3.54
2.36
60.0
90.0
3.54
(0.18)
(4.5)
(0.30)
(7.5)
13.0
0.51
(10)
(0.39)
(9)
(0.35)
DIMENSIONS
■ Control units and Expansion units
Control units
Expansion units
■ FP Web-Server 2 Unit
■ FP0 Power Supply
Unit
■ External Dimensions During Expansions
■ FP0 Analog I/O Unit and
D/A Converter Unit
■ FP0 A/D Converter Unit
and Thermocouple Unit
(Unit: mm in)
* For the relay output type, the terminal block type is listed as the representative type.
C10RS, C10RM, C10CRS, C10CRM, C10MRS,
C14RS, C14RM, C14CRS, C14CRM and
C14MRS
E8RS, E8RM, E8YRS, E16RS and E16RM
Control units
Expansion units
C16T, C16P, C16CT, C16CP, C16MT and C16MP
E16T, E16P, E8X, E8YT and E8YP
Control units
Expansion units
C32T, C32CT, C32P, C32CP, C32MT, C32MP,
T32CT, T32CP, T32MT, T32MP,
F32CT, F32CP, F32MT and F32MP
E32T, E32P, E16X, E16YT and E16YP
Recognition
(Some models only)
Conforming to EMC Directive
Listing
(Some models only)
The New Standard of Ultra-compact PLCs
*1. Among compact PLCs with up to 128 I/O points based on our research as of July 1, 2011
*2. Based on our research as of July 1, 2011
Equipped with RS485 Port
Multi-axis Control available
without Expansion
NEW
Large Capacity Program and
Data Memory
Largest in its class *1
Ultra-high Speed Processing
Fastest in its class *1
Battery-less Automatic Backup
of All Data
Industry’s First *2
2011.08 panasonic-electric-works.net/sunx
Panasonic Electric Works SUNX Co., Ltd.
Global Sales & Marketing Division
2431-1 Ushiyama-cho, Kasugai-shi, Aichi, 486-0901, Japan
■
Telephone: +81-568-33-7861 ■Facsimile: +81-568-33-8591
All Rights Reserved ©Panasonic Electric Works SUNX Co., Ltd. 2011
2011.08 panasonic-electric-works.net/sunx
No. CE-FP0R-9 August, 2011


Similar Part No. - AFP02113C

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AFP02N8-000 ALPHA-AFP02N8-000 Datasheet
23Kb / 4P
General Purpose PHEMT Chip
AFP02N8-212 ALPHA-AFP02N8-212 Datasheet
30Kb / 4P
General Purpose Packaged PHEMT Chips
AFP02N8-213 ALPHA-AFP02N8-213 Datasheet
30Kb / 4P
General Purpose Packaged PHEMT Chips
More results

Similar Description - AFP02113C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
AN-136 IDT-AN-136 Datasheet
92Kb / 12P
A NEW GENERATION OF TAG SRAMS-THE IDT71215 AND
logo
Emerson Network Power
SMT12F EMERSON-NETWORKPOWER-SMT12F Datasheet
438Kb / 5P
new range of ultra-compact non-isolated point-of-load converters
logo
List of Unclassifed Man...
NE8FBH ETC2-NE8FBH Datasheet
6Mb / 29P
The next generation of the worldwide accepted standard
NC3MD-LX ETC2-NC3MD-LX Datasheet
6Mb / 29P
The next generation of the worldwide accepted standard
logo
Quantum Research Group
E6240 QUANTUM-E6240 Datasheet
832Kb / 16P
The New Vision of Touch
logo
Vincotech
10-0B066PA010SB-M993F09 VINCOTECH-10-0B066PA010SB-M993F09 Datasheet
1Mb / 17P
New ultra-compact housing
logo
TOKYO SEIMITSU CO., LTD
SS10 ACCRETECH-SS10 Datasheet
574Kb / 2P
New standard for the semi-automatic dicer with new operability
MN ACCRETECH-MN Datasheet
375Kb / 2P
Evolutionary version of standard type in response to the needs of ultra-thin blade
logo
IDEC Corporation
FT1A-M12RA-B IDEC-FT1A-M12RA-B Datasheet
2Mb / 11P
Value. Versatility. The New Breed of Controller
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com