Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRDM33771BTPLEVB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # FRDM33771BTPLEVB
Description  NXP Communicator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FRDM33771BTPLEVB Datasheet(HTML) 3 Page - NXP Semiconductors

  FRDM33771BTPLEVB Datasheet HTML 1Page - NXP Semiconductors FRDM33771BTPLEVB Datasheet HTML 2Page - NXP Semiconductors FRDM33771BTPLEVB Datasheet HTML 3Page - NXP Semiconductors FRDM33771BTPLEVB Datasheet HTML 4Page - NXP Semiconductors FRDM33771BTPLEVB Datasheet HTML 5Page - NXP Semiconductors FRDM33771BTPLEVB Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2 Specification Highlights
Battery Topology Flexibility
o
Scalable SW & HW BMS solution supporting 7 to 210 cells per daisy chain
o
Supporting Centralized, Distributed Daisy Chain, Distributed CAN
High Integration
o
Integrated Power Supply
o
Integrated Balancing FETs (300mA) w/ dedicated timer for each FET,
programmable up to 8 hours
o
Integrated current Sensor (+-1500A,) 0.5% accuracy with Coulomb Counter
o
Multiple programmable wake-up modes to support low-power operating mode
o
One Chip AFE for 48V Li-ion BMS
Highly Synchronized Data Acquisition and Fast Communication
o
Only 3.6 ms for pack controller to acquire conversions for 96 cells
o
All cell voltages and currents within same daisy chain measured within 100us
Superior Daisy Chain Communication
o
2Mbps, 100% differential, programmable address, bus wake-up
o
3750V Isolation with AEC-Q200 qualified external transformers
o
Automatic termination resistors, Common Mode Noise Immunity,
o
Receiver BCI tested (>200mA)
o
Transformer AECQ-200 Qualified
System Diagnostics and functional safety supporting ISO2626, single chip ASIL C capable,
up to ASIL D safety capability
Automotive robustness: ESD, EMC, Hot Plug, AEC-Q 100
Ultra-low radiated emissions
3 Target Applications
Automotive Applications
o
High-voltage battery management systems
(> 800V)
o
48 V battery management systems
Industrial Applications
o
Energy storage systems (ESS)
o
Uninterrupted power supply (UPS)
o
E-bikes, E-scooters



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com