Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRDM33771BTPLEVB Datasheet(PDF) 4 Page - NXP Semiconductors

Part # FRDM33771BTPLEVB
Description  NXP Communicator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FRDM33771BTPLEVB Datasheet(HTML) 4 Page - NXP Semiconductors

  FRDM33771BTPLEVB Datasheet HTML 1Page - NXP Semiconductors FRDM33771BTPLEVB Datasheet HTML 2Page - NXP Semiconductors FRDM33771BTPLEVB Datasheet HTML 3Page - NXP Semiconductors FRDM33771BTPLEVB Datasheet HTML 4Page - NXP Semiconductors FRDM33771BTPLEVB Datasheet HTML 5Page - NXP Semiconductors FRDM33771BTPLEVB Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 Product Specifications
Feature / Requirement
MC33771B
Operating Voltage
9.6V … 61.6V
Transient Voltage
75V
Power supply
Integrated
TPL Communication Bit Rate
2 Mbps
SPI Frequency
4 MHz
# Cell Voltages (±0.8mV)
14
# Balancing FETs (300mA per channel)
14
# Balancing timers (up to 8hrs, per channel)
14
# Current Sensor w/ PGA
1
# Coulomb Counter
1
# Temperature Inputs /GPIOs
7
Time needed to acquire all 14 cell voltages and the current after an
on-demand conversion (16-bit resolution)
208 µs
V/I Synchronization Time (16-bit resolution)
113 µs
Operation Temperature Range
-40 ~105 °C
Package
64 LQFP-EP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com