Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-KW41Z Datasheet(PDF) 2 Page - NXP Semiconductors

Part # USB-KW41Z
Description  Bluetooth Low Energy Wireless MCUs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

USB-KW41Z Datasheet(HTML) 2 Page - NXP Semiconductors

  USB-KW41Z Datasheet HTML 1Page - NXP Semiconductors USB-KW41Z Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features
Benefits
BLE 5 with 8 simultaneous connections
Supports simultaneous secure connections in any master/slave
combination
Keeps all connections alive for continuous monitoring
6.3 mA typical Rx and 5.7 mA Tx current
with DC-DC activated
Significantly reduces power consumption and extends battery
life
-95 dBm typical BLE sensitivity
-99 dBm typical generic FSK (at 250 kbit/s)
sensitivity
+3.5 dBm maximum output power
High link budget improves range and lowers cost by reducing
the need for external power amplifiers
Integrated balun enables smaller design and reduces system
costs
Excellent selectivity and blocking
Significantly improves operation in harsh 2.4 GHz environments
48 MHz Arm® Cortex®-M0+ core
Up to 512 KB flash memory with ECC
64 KB SRAM
High-performance, low-power core with adequate memory to
run BLE, generic FSK protocol stacks and application
AES-128 accelerator
True random number generator
Fast encryption/decryption utilizing hardware security
algorithms for network commissioning and transmissions of
supported protocols
Buck DC-DC converter working from 2.1 V
to 3.6 V
Supports a wide range of batteries from coin-cell to Lithium-ion
16-bit analog-to-digital converter (ADC)
6-bit high-speed analog comparator (CMP)
Supports high-performance on-chip analog at the MCU level
for sensor aggregation and other sophisticated applications
CAN/CAN FD and LIN Bus
Enables easy integration into automotive in-vehicle and
industrial networks
7 x 7 mm 48LQFN
6 x 6 mm “wettable” flanks 40QFN
Smaller size and low component count reduces cost. The
wettable flanks package technology enable optical inspection
of the soldering, reducing cost and increasing reliability.
KINETIS KW36A/35A AND KW36Z/35Z WIRELESS MCU FAMILY
FEATURES AND BENEFITS
www.nxp.com/Wireless/KinetisKW36
NXP, the NXP logo and Kinetis are trademarks of NXP B.V. All other product or service names are the property of their respective owners. Arm and Cortex are registered trademarks of Arm Limited (or its subsidiaries) in
the EU and/or elsewhere. All rights reserved. © 2017–2018 NXP B.V.
Document Number: KINETISKW35FAMFS REV 1
Part Number
Qualification
CAN FD
2nd UART with LIN
8kB EEPROM
Package
MKW36A512VFP4
MKW36Z512VFP4
MKW35A512VFP4
Automotive
Industrial
Automotive
Y
Y
N
Y
Y
N
Y
Y
N
6 x 6 40-pin
Wettable QFN
MKW36A512VHT4
MKW36Z512VHT4
MKW35Z512VHT4
Automotive
Industrial
Industrial
Y
Y
N
Y
Y
N
Y
Y
N
7X7 48-pin
Laminate QFN
PART NUMBERS
Board Name
Description
FRDM-KW36
Freedom development board for Kinetis KW36/35 MCUs with 2.4 GHz BLE and generic
FSK wireless connectivity and CAN/LIN connectivity solutions
USB-KW41Z
USB dongle for sniffer operations for Kinetis wireless MCUs with 2.4 GHz BLE and
generic FSK
DEVELOPMENT TOOLS
FEATURES
All MCUs in this family contain an
integrated buck DC-DC converter that
supports operating voltages from 2.1-
3.6 V and significantly reduces the peak
current in receive and transmit modes.
At the same time, this family delivers an
excellent link budget that ensures the
longest range of communication and a
high immunity to interference.
This family has up to 512 KB Flash
memory with ECC and 64 KB SRAM
allowing plenty of space for protocol
stacks, application profiles and custom
user firmware. In addition, the radio can
provide the necessary information in order
to calculate Time-of-Flight (ToF), Angle-
of-Arrival (AoA) and Angle-of-Departure
(AoD) that can accurately estimate the
distance/angle of a remote BLE device to
determine its position.
For automotive applications, Kinetis
KW36A/35A devices are AEC-Q100
Grade 2 qualified and are provided in a
6 mm x 6 mm QFN package with
“wettable” flanks package technology
that enables optical inspection of the
soldering, reducing cost and increasing
reliability.
ENABLEMENT
Take advantage of the robust enablement
package that includes the fully certified
BLE 5 host and controller stacks,
BLE application profiles in source,
generic FSK software protocol, RTOS,
development tools and IDEs. These
tools are designed for use with Kinetis
KW36A/35A and KW36Z/35Z MCUs and
are fully integrated in the MCUXpresso
software and tools.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com