Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-KW41Z Datasheet(PDF) 1 Page - NXP Semiconductors

Part # USB-KW41Z
Description  Bluetooth Low Energy Wireless MCUs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

USB-KW41Z Datasheet(HTML) 1 Page - NXP Semiconductors

  USB-KW41Z Datasheet HTML 1Page - NXP Semiconductors USB-KW41Z Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Kinetis KW36A/35A and KW36Z/35Z wireless MCUs feature AEC Q100 Grade 2 or
industrial qualification and the latest Bluetooth technology for superior durability and
performance in automotive, industrial and healthcare applications.
OVERVIEW
Based on the Arm® Cortex®-M0+ core, the Kinetis KW36A/35A
and KW36Z/35Z wireless MCUs integrates a Bluetooth Low
Energy (BLE) version 5 and Generic FSK radio. The radio
supports up to 8 simultaneous secure connections in any
master/slave combination allowing multiple authorized users to
communicate with the device.
Additionally, the Kinetis KW36 MCU exclusively integrates
FlexCAN, enabling seamless integration into a cars in-vehicle
or industrial CAN communication network. The FlexCAN
module can support CAN’s flexible data-rate (CAN FD) for
increased bandwidth and lower latency.
TARGET APPLICATIONS
Automotive
}
Car access
}
Car sharing
}
Passive entry/passive start (PEPS) systems
}
Tire pressure measurement sensors (TPMS) systems
}
Wireless on-board diagnostic functions
Industrial
}
Building control and monitoring
}
Fire and safety
Healthcare
}
Home and institutional healthcare
}
Patient monitoring
Automotive and
Industrial Qualified
Bluetooth Low Energy
Wireless MCUs
Kinetis® KW36A/35A, KW36Z/35Z
Bluetooth® 5 Wireless MCUs with
Integrated CAN/CAN FD and LIN Bus
KINETIS KW36A/35A AND KW36Z/35Z WIRELESS MCU
FAMILY BLOCK DIAGRAM
Kinetis KW36 wireless MCU only
Low-Leakage
Wake -Up Unit
DC-DC Converter
Power Management
Controller (PMC)
Bit Manipulation
Engine (BME)
Internal Watchdog
System
16-bit ADC
DMA
6-bit ACMP
Analog
Security
3 x Timer w/ PWM
Periodic Interrupt
Timers
Frequency Locked Loop
Low / High
Frequency Oscillator
Internal Reference Clocks
1 kHz Low-Power Oscillator
Independent
Real-Time Clock
Timers
LP-UART/LIN
LP-UART/LIN
FlexCAN
CMT
GPIO w/IRQ
Capabilities
2 x I2C
2 x SPI
Communications
64 kB SRAM
Program Flash
(512 kB for KW35 or
256 kB for KW36)
256 kB FlexNVM
8 kB EEPROM
Memories
Balun
BLE 5 and
Generic FSK
8 Simultaneous
Connections
Transceiver
True Random
Number Generator
AES-128
Clocks
Core
Arm® Cortex®-M0+
48 MHz
Micro Trace Buffer
Interrupt
Controller
Single Wire Debug (SWD)
Low-Power Timers


Similar Part No. - USB-KW41Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
USB-KW41Z NXP-USB-KW41Z Datasheet
195Kb / 3P
radio solutions
More results

Similar Description - USB-KW41Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK71050-03 ETC2-MK71050-03 Datasheet
616Kb / 23P
Bluetooth Low Energy wireless module
logo
Texas Instruments
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
SimpleLink Bluetooth low energy Wireless MCU
logo
STMicroelectronics
BLUENRG-1 STMICROELECTRONICS-BLUENRG-1 Datasheet
5Mb / 173P
Bluetooth low energy wireless system-on-chip
23-Jun-2016
logo
Texas Instruments
CC2642R TI1-CC2642R Datasheet
1,016Kb / 45P
SimpleLink Bluetooth 5 low energy Wireless MCU
logo
NXP Semiconductors
QN9090 NXP-QN9090 Datasheet
1Mb / 99P
Bluetooth Low Energy 5.0 wireless MCU
logo
Taiyo Yuden (U.S.A.), I...
EYSGCNZWY TAIYO-YUDEN-EYSGCNZWY Datasheet
3Mb / 31P
Wireless Module Bluetooth??low energy Module
May 30, 2018 Version 1.8
EYSGJNAWY-WX TAIYO-YUDEN-EYSGJNAWY-WX Datasheet
3Mb / 31P
Wireless Module Bluetooth??low energy Module Overview
May 30, 2018 Version 1.8
EYSHSNZWZ TAIYO-YUDEN-EYSHSNZWZ Datasheet
3Mb / 31P
Wireless Module Bluetooth??low energy Module Overview
May 30, 2018 Version 1.8
EYSNSNZWW TAIYO-YUDEN-EYSNSNZWW Datasheet
3Mb / 45P
Wireless Module Bluetooth??low energy Module Overview
May 11, 2020 Version 3.0
logo
STMicroelectronics
BLUENRG-LPS STMICROELECTRONICS-BLUENRG-LPS Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com