Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76501 Datasheet(PDF) 13 Page - Wiha Tools

Part # 76501
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76501 Datasheet(HTML) 13 Page - Wiha Tools

Back Button 76501 Datasheet HTML 9Page - Wiha Tools 76501 Datasheet HTML 10Page - Wiha Tools 76501 Datasheet HTML 11Page - Wiha Tools 76501 Datasheet HTML 12Page - Wiha Tools 76501 Datasheet HTML 13Page - Wiha Tools 76501 Datasheet HTML 14Page - Wiha Tools 76501 Datasheet HTML 15Page - Wiha Tools 76501 Datasheet HTML 16Page - Wiha Tools 76501 Datasheet HTML 17Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Wiha Ball End
Bits
13
Security
Insert Bits,
1/4” Hex, 1” OAL
Item
No.
Size
mm pkg. lbs.
71648
IPR8
25
1
.11
71650
IPR10 25
1
.11
71652
IPR15 25
1
.11
71654
IPR20 25
1
.12
71656
IPR25 25
1
.13
71657
IPR27 25
1
.13
71658
IPR30 25
1
.14
71660
IPR40 35
1
.14
Wiha Security
Insert Bit
Security
Torx®
Security
TorxPlus®
TorxPlus®
Torx®
Ball End
Torx®
Torx® Profiles
Ball End
Bits.
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
Size
mm
pkg. lbs.
74524
T9
50
10
.18
74526
T10
50
10
.18
74528
T15
50
10
.18
74532
T20
50
10
.18
74534
T25
50
10
.18
74537
T27
50
10
.18
74539
T30
50
10
.18
74541
T40
50
10
.18
Ball End
Power Bit Packs, 1
”
Item
No.
Size mm lbs.
74505
T9
50
.05
74520
T10
50
.05
74522
T15
50
.05
74543
T20
50
.05
74545
T25
50
.06
74547
T27
50
.06
74549
T30
50
.08
74550
T40
50
.08
2 bit
pack
XSelector Bit Set With Security
Bits Includes Quick Release
Holder & The Following 7 Bits:
: IPR8,
lbs.
IPR10, IPR15, IPR20,
.24
IPR25, IPR27, IPR30
Wiha Insert Security
XSelector
Wiha
MagicSpring
Screw Holding Power Bits
Screw Holding
TORX Bits
Stainless
rotary spring
MagicSpring Screw Holding
Power Bits, 1/4” Hex Drive,
Length 2.0”/50mm
Item
No.
Size mm pkg. lbs.
74552
T10
50
2
.05
74554
T15
50
2
.05
74555
T20
50
2
.05
74557
T25
50
2
.05
74562
T30
50
2
.05
74564
T40
50
2
.05
2 bit
pack
716
79450
745
745
745
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com